データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD25402Q3A データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD25402Q3A
部品情報  20 V P-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25402Q3A データシート(HTML) 6 Page - Texas Instruments

Back Button CSD25402Q3A Datasheet HTML 2Page - Texas Instruments CSD25402Q3A Datasheet HTML 3Page - Texas Instruments CSD25402Q3A Datasheet HTML 4Page - Texas Instruments CSD25402Q3A Datasheet HTML 5Page - Texas Instruments CSD25402Q3A Datasheet HTML 6Page - Texas Instruments CSD25402Q3A Datasheet HTML 7Page - Texas Instruments CSD25402Q3A Datasheet HTML 8Page - Texas Instruments CSD25402Q3A Datasheet HTML 9Page - Texas Instruments CSD25402Q3A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
-VDS - Drain-to-Source Voltage (V)
0.1
1
10
50
0.1
1
10
100
1000
D010
DC
10 ms
1 ms
100 µs
TC - Case Temperature (qC)
-50
-25
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
40
D011
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
D008
VGS = -2.5 V
VGS = -4.5 V
-VSD - Source-To-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
100
D009
TC = 25qC
TC = 125qC
CSD25402Q3A
SLPS454B – DECEMBER 2013 – REVISED JANUARY 2016
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
ID = –10 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Single Pulse, Max RθJC = 2.3°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Maximum Drain Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Product Folder Links: CSD25402Q3A


同様の部品番号 - CSD25402Q3A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 14P
[Old version datasheet]   CSD25402Q3A ??0 V P-Channel NexFET??Power MOSFET
CSD25402Q3AT TI1-CSD25402Q3AT Datasheet
1Mb / 14P
[Old version datasheet]   CSD25402Q3A ??0 V P-Channel NexFET??Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_V01 Datasheet
1Mb / 14P
[Old version datasheet]   CSD25402Q3A ??0 V P-Channel NexFET??Power MOSFET
More results

同様の説明 - CSD25402Q3A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25202W15 TI-CSD25202W15_15 Datasheet
957Kb / 15P
[Old version datasheet]   CSD25202W15 20-V P-Channel NexFET Power MOSFET
CSD25304W1015 TI-CSD25304W1015_15 Datasheet
1Mb / 17P
[Old version datasheet]   CSD25304W1015 20-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2 Datasheet
760Kb / 11P
[Old version datasheet]   CSD25310Q2, 20 V P-Channel NexFET Power MOSFETs
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com