データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM137H データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM137H
部品情報  3-Terminal Adjustable Negative Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM137H データシート(HTML) 1 Page - Texas Instruments

  LM137H Datasheet HTML 1Page - Texas Instruments LM137H Datasheet HTML 2Page - Texas Instruments LM137H Datasheet HTML 3Page - Texas Instruments LM137H Datasheet HTML 4Page - Texas Instruments LM137H Datasheet HTML 5Page - Texas Instruments LM137H Datasheet HTML 6Page - Texas Instruments LM137H Datasheet HTML 7Page - Texas Instruments LM137H Datasheet HTML 8Page - Texas Instruments LM137H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
(
)
OUT
ADJ
R
V
V
I
R
2
1.25
1
2
120
æ
ö
-
= -
+
+ -
´
ç
÷
è
ø
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM137, LM337-N
SNVS778E – MAY 1999 – REVISED JANUARY 2016
LM137, LM337-N 3-Terminal Adjustable Negative Regulators
1 Features
3 Description
The LM137 and LM337-N are adjustable 3-terminal
1
1.5-A Output Current
negative voltage regulators capable of supplying
Line Regulation 0.01%/V (Typical)
−1.5 A or more currents over an output voltage range
Load Regulation 0.3% (Typical)
of
−1.25 V to −37 V. It requires only two external
resistors to set the output voltage and one output
77-dB Ripple Rejection
capacitor for frequency compensation. The circuit
50 ppm/°C Temperature Coefficient
design has been optimized for excellent regulation
Thermal Overload Protection
and low thermal transients. Further, the LM137 and
LM337-N feature internal current limiting, thermal
Internal Short-Circuit Current Limiting Protections
shutdown and safe-area compensation, making it
virtually blowout-proof against overloads.
2 Applications
The LM137 and LM337-N are ideal complements to
Industrial Power Supplies
the LM117 and LM317 adjustable positive regulators.
Factory Automation Systems
The LM137 has a wider operating temperature range
Building Automation Systems
than the LM337-N and is also offered in military and
PLC Systems
space qualified versions.
Instrumentation
Device Information(1)
IGBT Drive Negative Gate Supplies
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Networking
LM137
TO (3)
8.255 mm × 8.255 mm
Set-Top Boxes
SOT-223 (4)
3.50 mm × 6.50 mm
LM337-N
TO (3)
8.255 mm × 8.255 mm
TO-220 (3)
10.16 mm × 14.986 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet. The LF01 is a lead formed (bent)
version of the TO-220 package.
Adjustable Negative Voltage Regulator
Full output current not available at high input-output voltages
†C1 = 1-
μF solid tantalum or 10-μF aluminum electrolytic required for stability
*C2 = 1-
μF solid tantalum is required only if regulator is more than 4″ from power-supply filter capacitor
Output capacitors in the range of 1-
μF to 1000-μF of aluminum or tantalum electrolytic are commonly used to provide
improved output impedance and rejection of transients
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - LM137H

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM137H NSC-LM137H Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
STMicroelectronics
LM137H STMICROELECTRONICS-LM137H Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
Seme LAB
LM137H SEME-LAB-LM137H Datasheet
17Kb / 2P
   0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM137H TI1-LM137H Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137H-MD8 TI1-LM137H-MD8 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results

同様の説明 - LM137H

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com