データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2854MH-1000 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2854MH-1000
部品情報  Synchronous SIMPLE SWITCHER Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2854MH-1000 データシート(HTML) 5 Page - Texas Instruments

  LM2854MH-1000 Datasheet HTML 1Page - Texas Instruments LM2854MH-1000 Datasheet HTML 2Page - Texas Instruments LM2854MH-1000 Datasheet HTML 3Page - Texas Instruments LM2854MH-1000 Datasheet HTML 4Page - Texas Instruments LM2854MH-1000 Datasheet HTML 5Page - Texas Instruments LM2854MH-1000 Datasheet HTML 6Page - Texas Instruments LM2854MH-1000 Datasheet HTML 7Page - Texas Instruments LM2854MH-1000 Datasheet HTML 8Page - Texas Instruments LM2854MH-1000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
LM2854
www.ti.com
SNVS560D – MARCH 2008 – REVISED JANUARY 2016
Product Folder Links: LM2854
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
VREF measured in a non-switching, closed-loop configuration.
6.5 Electrical Characteristics
All Typical specifications are for TJ = 25°C only; all Maximum and Minimum limits apply over the operating junction
temperature range TJ range of –40°C to 125°C. Minimum and maximum limits are ensured through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes
only. AVIN = PVIN = EN = 5 V, unless otherwise indicated in the Test Conditions column.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS
VREF
Reference Voltage(3)
Measured at the FB pin
0.790
0.8
0.808
V
ΔVREF/ΔAVIN
Line Regulation(3)
ΔAVIN = 2.95 V to 5.50 V
0.04%
0.6%
ΔVREF/ΔIO
Load Regulation
Normal operation
0.25
mV/A
VON
UVLO Threshold (AVIN)
Rising
2.6
2.95
V
Falling hysteresis
25
170
375
mV
RDS(ON)-P
PFET On Resistance
ISW = 4 A
35
65
m
RDS(ON)-N
NFET On Resistance
ISW = 4 A
34
65
m
ISS
Soft-Start Current
2
µA
ICL
Peak Current Limit Threshold
4.5
6
6.7
A
IQ
Operating Current
Non-switching
1.7
3
mA
ISD
Shut Down Quiescent Current
EN = 0 V
230
500
µA
PWM SECTION
fSW
Switching Frequency
1-MHz option
800
1050
1160
kHz
500-kHz option
400
525
580
kHz
Drange
PWM Duty Cycle Range
0%
100%
ENABLE CONTROL
VIH
EN Pin Rising Threshold
0.8
1.23
1.65
V
VEN(HYS)
EN Pin Hysteresis
150
mV
THERMAL CONTROL
TSD
TJ for Thermal Shutdown
165
°C
TSD-HYS
Hysteresis for Thermal Shutdown
10
°C


同様の部品番号 - LM2854MH-1000

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2854MH-1000 NSC-LM2854MH-1000 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

同様の説明 - LM2854MH-1000

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com