データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20143QMHE データシート(PDF) 5 Page - Texas Instruments

部品番号 LM20143QMHE
部品情報  3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20143QMHE データシート(HTML) 5 Page - Texas Instruments

  LM20143QMHE Datasheet HTML 1Page - Texas Instruments LM20143QMHE Datasheet HTML 2Page - Texas Instruments LM20143QMHE Datasheet HTML 3Page - Texas Instruments LM20143QMHE Datasheet HTML 4Page - Texas Instruments LM20143QMHE Datasheet HTML 5Page - Texas Instruments LM20143QMHE Datasheet HTML 6Page - Texas Instruments LM20143QMHE Datasheet HTML 7Page - Texas Instruments LM20143QMHE Datasheet HTML 8Page - Texas Instruments LM20143QMHE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LM20143, LM20143-Q1
www.ti.com
SNVS528H – OCTOBER 2007 – REVISED JANUARY 2016
6.5 Electrical Characteristics
Unless otherwise stated, the following conditions apply: AVIN = PVIN = VIN = 5 V. All Typical limits are for TJ = 25°C only, all
Minimum and Maximum limits apply over the junction temperature (TJ) range of –40°C to 125°C
(1). Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
Feedback pin voltage
VIN = 2.95 V to 5.5 V
0.788
0.8
0.812
V
ΔVOUT/ΔIOUT
Load Regulation
IOUT = 100 mA to 3 A
0.08
%/A
ICL
Switch Current Limit Threshold
VIN = 3.3 V
4.3
4.8
5.3
A
RDS_ON
High-Side Switch On Resistance
ISW = 3.5 A
36
55
m
RDS_ON
Low-Side Switch On Resistance
ISW = 3.5 A
32
52
m
IQ
Operating Quiescent Current
Non-switching, VFB = VCOMP
3.5
6
mA
ISD
Shutdown Quiescent current
VEN = 0 V
90
180
µA
VUVLO
VIN Under Voltage Lockout
Rising VIN
2.45
2.7
2.95
V
VUVLO_HYS
VIN Under Voltage Lockout Hysteresis
Falling VIN
45
100
mV
VVCC
VCC Voltage
IVCC = 0 µA
2.45
2.7
2.95
V
ISS
Soft-Start Pin Source Current
VSS/TRK = 0 V
2
4.5
7
µA
VTRACK
SS/TRK Accuracy, VSS - VFB
VSS/TRK = 0.4 V
–10
3
15
mV
OSCILLATOR
FOSCH
Oscillator Frequency
RT = 49.9 kΩ
1350
1500
1650
kHz
FOSCL
Oscillator Frequency
RT = 249 kΩ
450
510
570
kHz
DCMAX
Maximum Duty Cycle
ILOAD = 0 A
85%
TON_TIME
Minimum On Time
100
ns
TCL_BLANK
Current Sense Blanking Time
After Rising VSW
80
ns
ERROR AMPLIFIER AND MODULATOR
IFB
Feedback pin bias current
VFB = 0.8 V
1
100
nA
ICOMP_SRC
COMP Output Source Current
VFB = VCOMP = 0.6 V
80
100
µA
ICOMP_SNK
COMP Output Sink Current
VFB = 1.0 V, VCOMP = 0.6 V
80
100
µA
Gm
Error Amplifier Transconductance
ICOMP = ± 50 µA
450
510
600
µmho
AVOL
Error Amplifier Voltage Gain
2000
V/V
POWER GOOD
VOVP
Over Voltage Protection Rising Threshold
With respect to VFB
105%
108%
111%
VOVP_HYS
Over Voltage Protection Hysteresis
With respect to VFB
2%
3%
VPGTH
PGOOD Rising Threshold
With respect to VFB
92%
94%
96%
VPGHYS
PGOOD Falling Hysteresis
With respect to VFB
2%
3%
TPGOOD
PGOOD deglitch time
16
µs
IOL
PGOOD Low Sink Current
VPGOOD = 0.4 V
0.6
1
mA
IOH
PGOOD High Leakage Current
VPGOOD = 5 V
5
100
nA
ENABLE
VIH_EN
EN Pin turn-on Threshold
VEN Rising
1.08
1.18
1.28
V
VEN_HYS
EN Pin Hysteresis
66
mV
THERMAL SHUTDOWN
TSD
Thermal Shutdown
160
°C
TSD_HYS
Thermal Shutdown Hysteresis
10
°C
(1)
Minimum and Maximum limits are specified by test, design, or statistical correlation.
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM20143 LM20143-Q1


同様の部品番号 - LM20143QMHE

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20143Q TI1-LM20143Q Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

同様の説明 - LM20143QMHE

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
[Old version datasheet]   LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Allegro MicroSystems
A8654 ALLEGRO-A8654 Datasheet
841Kb / 29P
   Wide Input Voltage, Adjustable Frequency, 3 A, 2 MHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com