データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20143-Q1 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM20143-Q1
部品情報  3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20143-Q1 データシート(HTML) 2 Page - Texas Instruments

  LM20143-Q1 Datasheet HTML 1Page - Texas Instruments LM20143-Q1 Datasheet HTML 2Page - Texas Instruments LM20143-Q1 Datasheet HTML 3Page - Texas Instruments LM20143-Q1 Datasheet HTML 4Page - Texas Instruments LM20143-Q1 Datasheet HTML 5Page - Texas Instruments LM20143-Q1 Datasheet HTML 6Page - Texas Instruments LM20143-Q1 Datasheet HTML 7Page - Texas Instruments LM20143-Q1 Datasheet HTML 8Page - Texas Instruments LM20143-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LM20143, LM20143-Q1
SNVS528H – OCTOBER 2007 – REVISED JANUARY 2016
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 17
8.1
Application Information............................................ 17
2
Applications ........................................................... 1
8.2
Typical Applications ................................................ 17
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 27
4
Revision History..................................................... 2
10
Layout................................................................... 27
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 27
6
Specifications......................................................... 4
10.2
Layout Example .................................................... 28
6.1
Absolute Maximum Ratings ...................................... 4
10.3
Thermal Considerations ........................................ 29
6.2
ESD Ratings.............................................................. 4
11
Device and Documentation Support ................. 30
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 30
6.4
Thermal Information .................................................. 4
11.2
Documentation Support ........................................ 30
6.5
Electrical Characteristics........................................... 5
11.3
Related Links ........................................................ 30
6.6
Typical Characteristics .............................................. 6
11.4
Trademarks ........................................................... 30
7
Detailed Description ............................................ 11
11.5
Electrostatic Discharge Caution ............................ 30
7.1
Overview ................................................................. 11
11.6
Glossary ................................................................ 30
7.2
Functional Block Diagram ....................................... 11
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 12
Information ........................................................... 30
7.4
Device Functional Modes........................................ 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (March 2013) to Revision H
Page
Added ESD Ratings table, Feature Descriptionsection, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision F (March 2013) to Revision G
Page
Changed layout of National Data Sheet to TI format ............................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: LM20143 LM20143-Q1


同様の部品番号 - LM20143-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20143 TI1-LM20143 Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20143MH NSC-LM20143MH Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20143MHE NSC-LM20143MHE Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20143MHX NSC-LM20143MHX Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

同様の説明 - LM20143-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
[Old version datasheet]   LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Allegro MicroSystems
A8654 ALLEGRO-A8654 Datasheet
841Kb / 29P
   Wide Input Voltage, Adjustable Frequency, 3 A, 2 MHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com