データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GSW-5150 データシート(PDF) 2 Page - Level One

部品番号 GSW-5150
部品情報  48 FE plus 2 GE plus 1 GE SFP Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LVL1 [Level One]
ホームページ  http://www.level1.com/
Logo LVL1 - Level One

GSW-5150 データシート(HTML) 2 Page - Level One

  GSW-5150 Datasheet HTML 1Page - Level One GSW-5150 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.level1.com
I one world_one brand_one level_
Ethernet Switch
3
Technical Specifications
Network Interface
Standard Compliance
IEEE 802.3 10Base-T Ethernet
IEEE 802.3u 100Base-TX Ethernet
IEEE 802.3ab 1000Base-T Ethernet
IEEE 802.3z 1000Base-X
IEEE 802.3x Flow control and Back Pressure
Network Connectivity
10/100 Mbps :48 x RJ-45 with Auto Negotiation
10/100/1000Mbps: 2x RJ-45 with Auto Negotiation
1 SFP module Interface
Switch Architecture
Store and Forward architecture
Back-plane: 15.6 Gbps
Mac Address
8K MAC address table
Physical Specifications
Power Supply
100 ~ 240V AC/50~60Hz Internal Power
LED
Power, Link/Activity
Operating Environment
Temperature: 0°C ~ 40°C
Humidity: 10% ~ 90% (Non-condensing)
Storage: -40°C ~ 70°C
Dimensions
440mm (W) x 260 mm (D) x 44mm (H)
Certification
FCC Class A, CE
Product Diagram
Server
PC
GSW-5150
Broadband Router
Internet
Order Information
GSW-5150: 48 FE + 2 GE + 1 GE SFP Switch
Package Contents
GSW-5150
Power Cord
Rack-mount kit
User Manual
All mentioned brand names are registered trademarks and property of their owners. Technical specifications are subject to change without notice.
© Copyright 2009 Digital Data Communications GmbH. All Rights Reserved.
V1.1


同様の部品番号 - GSW-5150

メーカー部品番号データシート部品情報
logo
Level One
GSW-0504 LVL1-GSW-0504 Datasheet
117Kb / 2P
   8-port 10/100Mbps Fast Etherent Switch w/ Internal Power
GSW-0507 LVL1-GSW-0507 Datasheet
664Kb / 3P
   5-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807 Datasheet
290Kb / 4P
   8 Gigabit Ethernet ports 1000Mbps-Full-duplex
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
More results

同様の説明 - GSW-5150

メーカー部品番号データシート部品情報
logo
Level One
GEU-0521 LVL1-GEU-0521 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
GEP-1021 LVL1-GEP-1021 Datasheet
563Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 250W
GEP-1020 LVL1-GEP-1020 Datasheet
562Kb / 4P
   8 GE PoE-Plus 2 GE SFP switch, 150W
FGP-2412 LVL1-FGP-2412 Datasheet
814Kb / 5P
   24 FE PoE-Plus 2 GE Combo SFP Switch, 480W
GTL-5280 LVL1-GTL-5280 Datasheet
1Mb / 4P
   L2 Plus Managed Switch - 48 GE with 4 Combo SFP plus 4 10GE SFP Plus
GTP-2880 LVL1-GTP-2880 Datasheet
1Mb / 4P
   20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
IES-1081 LVL1-IES-1081 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
IES-1071 LVL1-IES-1071 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
IES-0881 LVL1-IES-0881 Datasheet
439Kb / 2P
   4 x 802.3af plus 2 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
IES-1880 LVL1-IES-1880 Datasheet
1Mb / 2P
   16 FE plus 2 GE Managed Switch -40 to 75C, DIN-rail
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com