データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX02068EVM データシート(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

部品番号 CX02068EVM
部品情報  3.3 Volt Laser Driver IC for 155/622 Mbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CX02068EVM データシート(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button CX02068EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. CX02068EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. CX02068EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. CX02068EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. CX02068EVM Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. CX02068EVM Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. CX02068EVM Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. CX02068EVM Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. CX02068EVM Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Functional Description
02068-DSH-001-C
Mindspeed Technologies
®
8
Mindspeed Proprietary and Confidential
3.4
Mean Power Control Loop
To maintain constant average optical power, the CX02068 incorporates a control loop to compensate for the
changes in laser threshold current over temperature and lifetime. A monitor photodiode mounted in the laser
package is used to convert the optical power into a photocurrent. The MPC loop adjusts the laser bias current so
that the monitor current is matched to a reference current set by a single external resistor (RMPCSET). The time
constant of the loop is then determined by CMPC.
Safety logic is provided in order to limit the maximum bias current. The bias current at which the safety logic trips
is set by an external resistor to ground (ROCA) from the OCASET pin. When the bias current limit is reached alarm
flag OCA is asserted LOW. A loop failure alarm is also provided to detect when the bias current can no longer be
adjusted to achieve the desired average optical power.
Figure 3-3.
Typical bias current vs RBIASSET (3.3V)
Figure 3-4.
Typical limiting current vs ROCA (at 25 °C)
0
20
40
60
80
100
120
0
10000
20000
30000
40000
R
BIASSET (Ω )
0
10
20
30
40
50
60
70
80
90
100
0
10000
20000
30000
40000
R
OCA (Ω )


同様の部品番号 - CX02068EVM

メーカー部品番号データシート部品情報
logo
Synaptics Incorporated.
CX02066 CONEXANT-CX02066 Datasheet
267Kb / 1P
   3 GBPS INTERMEDIATE REACH LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
More results

同様の説明 - CX02068EVM

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
logo
Texas Instruments
ONET4201LD TI-ONET4201LD Datasheet
1Mb / 26P
[Old version datasheet]   155-Mbps to 4.25-Gbps LASER DRIVER
ONET4211LD TI-ONET4211LD Datasheet
1Mb / 26P
[Old version datasheet]   155 Mbps to 4.25 Gbps LASER DRIVER
logo
M/A-COM Technology Solu...
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com