データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM53600LQDSXTQ1 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM53600LQDSXTQ1
部品情報  Automotive Step Down DC-DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53600LQDSXTQ1 データシート(HTML) 7 Page - Texas Instruments

Back Button LM53600LQDSXTQ1 Datasheet HTML 3Page - Texas Instruments LM53600LQDSXTQ1 Datasheet HTML 4Page - Texas Instruments LM53600LQDSXTQ1 Datasheet HTML 5Page - Texas Instruments LM53600LQDSXTQ1 Datasheet HTML 6Page - Texas Instruments LM53600LQDSXTQ1 Datasheet HTML 7Page - Texas Instruments LM53600LQDSXTQ1 Datasheet HTML 8Page - Texas Instruments LM53600LQDSXTQ1 Datasheet HTML 9Page - Texas Instruments LM53600LQDSXTQ1 Datasheet HTML 10Page - Texas Instruments LM53600LQDSXTQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
LM53600-Q1, LM53601-Q1
www.ti.com
SNAS660B – JUNE 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM53600-Q1 LM53601-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature range of –40°C to 150°C, unless otherwise noted.
Minimum and maximum limits are ensured through test, design or statistical correlation. Typical values represent the most
likely parametric norm at Tj = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: Vin = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Ensured by design, statistical analysis and production testing of correlated parameters; not tested in production.
(2)
High side current limit is a function of duty factor. Current limit value is highest at small duty factor and less at higher duty factors.
Fsw
Switching frequency
VIN = 13.5 V, Center frequency with
spread spectrum, PWM operation
1.89
2.1
2.4
MHz
VIN = 13.5 V, Without spread
spectrum, PWM operation
1.89
2.1
2.4
VIN = 36 V, 3.3-V fixed output device
and adjustable devices regardless of
output voltage
1.0
VIN = 36 V, 5-V fixed output device
1.5
FSYNC
Sync frequency range
Output setting + 1 V < VIN < 18 V
1.9
2.1
2.3
MHz
DSYNC
Sync input duty cycle range
High state input < 5.5 V and > 2.3 V
25%
75%
VSYNC/MODE
SYNC/MODE input threshold
voltage
SYNC/MODE input high
(MODE=FPWM)
1.5
V
SYNC/MODE input low (MODE =
AUTO with diode emulation)
0.4
SYNC/MODE input hysteresis
0.185
1
FSSS
Frequency span of spread
spectrum operation(1)
±4%
FPSS
Spread spectrum pattern
frequency(1)
30
Hz
ISYNC/MODE
SYNC/MODE leakage current
Vin = 13.5 V, VSYNC/MODE = 3.3 V
1
µA
VIN = VSYNC/MODE = 13.5 V
5
tMODE
Mode change transition time
(1)
To FPWM Mode 20 mA load, VIN =
13.5 V
100
µs
To AUTO Mode 20-mA load, VIN =
13.5 V
60
IL_HS
High side switch current limit
(2)
LM53600-Q1 Duty cycle approaches
0%
1.0
1.35
1.65
A
LM53601-Q1 Duty cycle approaches
0%
1.5
1.83
2.1
IL_LS
Low side switch current limit
LM53600-Q1
0.65
0.78
0.93
A
LM53601-Q1
1.0
1.2
1.43
IL_ZC
Zero-cross current limit
MODE/SYNC = Low
–0.01
A
IL_NEG
Negative current limit
MODE/SYNC = High
LM53600-Q1
–0.7
A
LM53601-Q1
–0.7
Rdson
Power switch on-resistance
High side MOSFET Rdson
220
m
Ω
Low side MOSFET Rdson
200
VEN
Enable input threshold voltage
- rising
Enable rising
1.7
-
2.0
V
VEN_HYST
Enable threshold hysteresis
0.40
-
0.55
V
VEN_WAKE
Enable Wake-up threshold
0.4
V
IEN
Enable pin input current
VIN = VEN = 13.5 V
2.7
µA
Vcc
Internal Vcc voltage
VIN = 13.5 V, Vbias= 0 V
3.05
V
VIN = 13.5 V, Vbias= 3.3 V
3.15
Vcc_UVLO
Internal Vcc input under
voltage lock-out
VCC rising
2.7
V


同様の部品番号 - LM53600LQDSXTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM53600LQDSXTQ1 TI-LM53600LQDSXTQ1 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
More results

同様の説明 - LM53600LQDSXTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20037EVKIT MAXIM-MAX20037EVKIT Datasheet
111Kb / 2P
   automotive highcurrent step-down DC-DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com