データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS71728DSER データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS71728DSER
部品情報  Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71728DSER データシート(HTML) 10 Page - Texas Instruments

Back Button TPS71728DSER Datasheet HTML 6Page - Texas Instruments TPS71728DSER Datasheet HTML 7Page - Texas Instruments TPS71728DSER Datasheet HTML 8Page - Texas Instruments TPS71728DSER Datasheet HTML 9Page - Texas Instruments TPS71728DSER Datasheet HTML 10Page - Texas Instruments TPS71728DSER Datasheet HTML 11Page - Texas Instruments TPS71728DSER Datasheet HTML 12Page - Texas Instruments TPS71728DSER Datasheet HTML 13Page - Texas Instruments TPS71728DSER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
16
14
12
10
8
6
4
2
0
100
10k
100k
Frequency (Hz)
1k
C
= 10 F
m
OUT
C
= 1 F
m
OUT
I
= 10mA
C
= 10nF
OUT
NR
30
25
20
15
10
5
0
100
10k
100k
Frequency (Hz)
1k
C
= 0nF
NR
C
= 1nF
NR
C
= 10nF
NR
C
= 100nF
NR
I
= 10mA
C
= 1 F
OUT
OUT
m
80
70
60
50
40
30
20
10
0
0
2.5
4.0
V
V
(V)
-
IN
OUT
1.0
1.5
2.0
0.5
3.0
3.5
1MHz
10kHz
1kHz
100kHz
I
= 150mA
C
= 1 F
C
= 10nF
OUT
OUT
NR
m
16
14
12
10
8
6
4
2
0
100
10k
100k
Frequency (Hz)
1k
I
= 150mA
OUT
I
= 10mA
OUT
C
= 1 F
C
= 10nF
m
OUT
NR
80
70
60
50
40
30
20
10
0
0
2.5
4.0
V
V
(V)
-
IN
OUT
1.0
1.5
2.0
0.5
3.0
3.5
1MHz
10kHz
1kHz
100kHz
I
= 10mA
C
= 1 F
C
= 10nF
OUT
OUT
NR
m
80
70
60
50
40
30
20
10
0
0
2.5
4.0
V
V
(V)
-
IN
OUT
1.0
1.5
2.0
0.5
3.0
3.5
1MHz
10kHz
1kHz
100kHz
I
= 75mA
C
= 1 F
C
= 10nF
OUT
OUT
NR
m
10
TPS717
SBVS068I – FEBRUARY 2006 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TPS717
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.5 V, whichever is greater; IOUT =
0.5 mA, VEN = VIN, COUT = 1 μF, CNR = 0.01 μF, unless otherwise noted. For the adjustable version (TPS71701,) VOUT = 2.8 V.
Typical values are at TA = 25°C.
Figure 19. Power-Supply Ripple Rejection vs (VIN – VOUT)
Figure 20. Power-Supply Ripple Rejection vs (VIN – VOUT)
Figure 21. Power-Supply Ripple Rejection vs (VIN – VOUT)
Figure 22. Output Spectral Noise Density vs
Output Current
Figure 23. Output Spectral Noise Density vs
Output Capacitance
Figure 24. Output Spectral Noise Density vs
Noise Reduction


同様の部品番号 - TPS71728DSER

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS71728DSER TI-TPS71728DSER Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DSER TI-TPS71728DSER Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DSER TI-TPS71728DSER Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DSER TI-TPS71728DSER Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DSER TI-TPS71728DSER Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

同様の説明 - TPS71728DSER

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com