データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS71728DSET データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS71728DSET
部品情報  Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71728DSET データシート(HTML) 5 Page - Texas Instruments

  TPS71728DSET Datasheet HTML 1Page - Texas Instruments TPS71728DSET Datasheet HTML 2Page - Texas Instruments TPS71728DSET Datasheet HTML 3Page - Texas Instruments TPS71728DSET Datasheet HTML 4Page - Texas Instruments TPS71728DSET Datasheet HTML 5Page - Texas Instruments TPS71728DSET Datasheet HTML 6Page - Texas Instruments TPS71728DSET Datasheet HTML 7Page - Texas Instruments TPS71728DSET Datasheet HTML 8Page - Texas Instruments TPS71728DSET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
TPS717
www.ti.com
SBVS068I – FEBRUARY 2006 – REVISED JANUARY 2016
Product Folder Links: TPS717
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VEN absolute maximum rating is VIN + 0.3 V or 7 V, whichever is greater.
6 Specifications
6.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted), all voltages are with respect to GND
(1)
MIN
MAX
UNIT
Voltage
VIN
–0.3
7
V
VFB
–0.3
3.6
VNR
–0.3
3.6
VEN
–0.3
VIN + 0.3 V
(2)
VOUT
–0.3
7
Current
IOUT
Internally limited
A
Continuous total power dissipation
PDISS
See Thermal Information
Operating junction temperature
TJ
–55
150
°C
Storage temperature
Tstg
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
When using feedback resistors that are smaller than recommended, the minimum output capacitance must be greater than 5 µF.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.5
6.5
V
VOUT
Output voltage
0.9
5
V
IOUT
Output current
0
150
mA
VEN
Enable voltage
0
VIN
V
COUT
Output capacitor
1(1)
100
µF
TJ
Junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS717
UNIT
DCK (SC70)
DRV (WSON)
DSE (WSON)
5 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
279.2
71.1
190.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
57.5
96.5
94.9
°C/W
RθJB
Junction-to-board thermal resistance
74.1
40.5
149.3
°C/W
ψJT
Junction-to-top characterization parameter
0.8
2.7
6.4
°C/W
ψJB
Junction-to-board characterization parameter
73.1
40.9
152.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
10.7
n/a
°C/W


同様の部品番号 - TPS71728DSET

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS71728DSET TI-TPS71728DSET Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DSET TI-TPS71728DSET Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DSET TI-TPS71728DSET Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DSET TI-TPS71728DSET Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DSET TI-TPS71728DSET Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

同様の説明 - TPS71728DSET

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com