データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3KP54CA-HF データシート(PDF) 2 Page - Comchip Technology

部品番号 3KP54CA-HF
部品情報  3000W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

3KP54CA-HF データシート(HTML) 2 Page - Comchip Technology

  3KP54CA-HF Datasheet HTML 1Page - Comchip Technology 3KP54CA-HF Datasheet HTML 2Page - Comchip Technology 3KP54CA-HF Datasheet HTML 3Page - Comchip Technology 3KP54CA-HF Datasheet HTML 4Page - Comchip Technology 3KP54CA-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
REV:A
Fig.1 Pulse Derating Curve
Ambient Temperature, (°C)
Fig.3 Peak Pulse Power Rating Curve
0.1
Pulse Width, td (μs)
1
10
100
Fig.4 Steady State Power
Curve
Derating
0
Lead Temperature,
(°C)
TL
4
6
8
Fig.5 Pulse Waveforem
Time, (mS)
RATING AND CHARACTERISTIC (3KP-HF Series)
50
125
200
175
150
100
75
25
0
25
0
50
75
100
0.1
10
1
10000
100
1000
0
50
125
200
175
150
100
75
25
2
0
0
1.0
4.0
50
100
3.0
2.0
Peak value
Tr=10μs
Half value=
IPP
2
TJ = 25°C
td
Pluse width(td)is defined as
the point where the peak
current decays to 50% of IPP
10/1000 waveform as
defined by R.E.A.
3000W Transient Voltage Suppressor
Company reserves the right to improve product design , functions and reliability without notice.
3
5
7
1
Fig.2 Max. Non-repetitive Surge Current
250
150
200
300
100
1
Number of Cycles at 60Hz
10
8.3ms single half sine-wave
TJ = TJ max.
100
QW-JTV13


同様の部品番号 - 3KP54CA-HF

メーカー部品番号データシート部品情報
logo
Littelfuse
3KP54CA-B LITTELFUSE-3KP54CA-B Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
logo
Comchip Technology
3KP54CA-G COMCHIP-3KP54CA-G Datasheet
308Kb / 5P
   3000W Transient Voltage Suppressor
More results

同様の説明 - 3KP54CA-HF

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
   3000W Transient Voltage Suppressor
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
   3000W Transient Voltage Suppressor
logo
Won-Top Electronics
3KP WTE-3KP_06 Datasheet
82Kb / 6P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
   3000W Transient Voltage Suppressor
logo
Won-Top Electronics
3KP180 WTE-3KP180 Datasheet
72Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
3KP LEIDITECH-3KP Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMDJ WEEN-SMDJ Datasheet
591Kb / 7P
   3000W Transient Voltage Suppressor
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ WTE-3.0SMCJ_06 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com