データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3KP58A-G データシート(PDF) 4 Page - Comchip Technology

部品番号 3KP58A-G
部品情報  3000W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

3KP58A-G データシート(HTML) 4 Page - Comchip Technology

  3KP58A-G Datasheet HTML 1Page - Comchip Technology 3KP58A-G Datasheet HTML 2Page - Comchip Technology 3KP58A-G Datasheet HTML 3Page - Comchip Technology 3KP58A-G Datasheet HTML 4Page - Comchip Technology 3KP58A-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
QW-BTV09
REV:B
3000W Transient Voltage Suppressor
Company reserves the right to improve product design , functions and reliability without notice.
Electrical Characteristics (TA=25°C unless otherwise noted)
MIN.(V)
MAX.(V)
Part No.
Maximum
Clamping
Voltage
Vc(V)
IT(mA)
VBR (V) @ IT
Breakdown Voltage
Working
Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse
Leakage
at VRWM
IR (uA)
Maximum
Reverse
Surge
IPP(A)
Current
UNI
BI
Marking Code
at IPP
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
3KP58(C)A-G
58.0
64.4
71.2
93.6
32.05
5
3KP60(C)A-G
60.0
66.7
73.7
96.8
30.99
5
3KP64(C)A-G
64.0
71.1
78.6
103.0
29.13
5
3KP70(C)A-G
70.0
77.8
86.0
113.0
26.55
5
3KP75(C)A-G
75.0
83.3
92.1
121.0
24.79
5
3KP78(C)A-G
78.0
86.7
95.8
126.0
23.81
5
3KP85(C)A-G
85.0
94.4
104.0
137.0
21.9
5
3KP90(C)A-G
90
100
111
146
20.55
5
3KP100(C)A-G
100
111
123
162
18.52
5
3KP110(C)A-G
110
122
135
177
16.95
5
3KP120(C)A-G
120
133
147
193
15.54
5
3KP130(C)A-G
130
144
159
209
14.35
5
3KP150(C)A-G
150
167
185
243
12.35
5
3KP80(C)A-G
80.0
88.8
97.6
137.0
23.15
5
3KP140(C)A-G
140
155
171
227
13.23
5
3KP160(C)A-G
160
178
197
259
11.58
5
3KP250(C)A-G
250
279
309
405
7.41
3KP300(C)A-G
300
335
371
486
6.17
3KP350(C)A-G
350
391
432
567
5.29
3KP400(C)A-G
400
447
494
648
4.63
3KP440(C)A-G
440
492
543
713
4.21
3KP170(C)A-G
170
189
209
275
10.91
3KP180(C)A-G
180
200
220
292
10.29
3KP190(C)A-G
190
211
232
308
9.75
3KP200(C)A-G
200
224
247
324
9.26
3KP210(C)A-G
210
233
258
350
8.58
3KP220(C)A-G
220
246
272
356
8.43
5
5
5
5
5
5
5
5
5
5
5
2
2
2
2
2
2
2
3KP58A
3KP60A
3KP64A
3KP70A
3KP75A
3KP78A
3KP85A
3KP90A
3KP100A
3KP110A
3KP120A
3KP130A
3KP150A
3KP80A
3KP140A
3KP160A
3KP250A
3KP300A
3KP350A
3KP400A
3KP440A
3KP170A
3KP180A
3KP190A
3KP200A
3KP210A
3KP220A
3KP58CA
3KP60CA
3KP64CA
3KP70CA
3KP75CA
3KP78CA
3KP85CA
3KP90CA
3KP100CA
3KP110CA
3KP120CA
3KP130CA
3KP150CA
3KP80CA
3KP140CA
3KP160CA
3KP250CA
3KP300CA
3KP350CA
3KP400CA
3KP440CA
3KP170CA
3KP180CA
3KP190CA
3KP200CA
3KP210CA
3KP220CA
1. Suffix 'A ' denotes 5% tolerance device.
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
NOTES:


同様の部品番号 - 3KP58A-G

メーカー部品番号データシート部品情報
logo
Littelfuse
3KP58A-B LITTELFUSE-3KP58A-B Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
logo
Comchip Technology
3KP58A-HF COMCHIP-3KP58A-HF Datasheet
308Kb / 5P
   3000W Transient Voltage Suppressor
More results

同様の説明 - 3KP58A-G

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
   3000W Transient Voltage Suppressor
logo
Won-Top Electronics
3KP WTE-3KP_06 Datasheet
82Kb / 6P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
3KP-HF COMCHIP-3KP-HF Datasheet
308Kb / 5P
   3000W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
   3000W Transient Voltage Suppressor
logo
Won-Top Electronics
3KP180 WTE-3KP180 Datasheet
72Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
3KP LEIDITECH-3KP Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMDJ WEEN-SMDJ Datasheet
591Kb / 7P
   3000W Transient Voltage Suppressor
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
   3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
3.0SMCJ WTE-3.0SMCJ_06 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com