データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3444 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3444
部品情報  AC-DC Offline LED Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3444 データシート(HTML) 9 Page - Texas Instruments

Back Button LM3444 Datasheet HTML 5Page - Texas Instruments LM3444 Datasheet HTML 6Page - Texas Instruments LM3444 Datasheet HTML 7Page - Texas Instruments LM3444 Datasheet HTML 8Page - Texas Instruments LM3444 Datasheet HTML 9Page - Texas Instruments LM3444 Datasheet HTML 10Page - Texas Instruments LM3444 Datasheet HTML 11Page - Texas Instruments LM3444 Datasheet HTML 12Page - Texas Instruments LM3444 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
ICOLL
V+
VAC
+
+
1
2
3
4
5
6
7
8
9
10
-
VLED
GND
VCC
FILTER
NC
NC
ISNS
GATE
NC
COFF
NC
LM3444
VLED-
D3
C7
C9
C10
D4
D8
D9
R2
D1
Q1
C5
C12
D2
D10
Q2
L2
Q3
R3
R4
C11
C4
U1
VBUCK
BR1
LM3444
www.ti.com
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
Feature Description (continued)
Figure 8. LM3444 Schematic
7.3.2 Valley-Fill Circuit
VBUCK supplies the power which drives the LED string. Diode D3 allows VBUCK to remain high while V+ cycles on
and off. VBUCK has a relatively small hold capacitor C10 which reduces the voltage ripple when the valley fill
capacitors are being charged. However, the network of diodes and capacitors shown between D3 and C10 make
up a valley-fill circuit. The valley-fill circuit can be configured with two or three stages. The most common
configuration is two stages. Figure 9 illustrates a two- and three-stage valley-fill circuit.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3444


同様の部品番号 - LM3444

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
   120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Texas Instruments
LM3444 TI-LM3444 Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
logo
National Semiconductor ...
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
   8W Isolated Flyback LED Driver Industrial and Commercial Lighting
LM3444A9 NSC-LM3444A9 Datasheet
1Mb / 10P
   Edison Retrofit Evaluation Board included in this shipment converts
More results

同様の説明 - LM3444

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com