データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC856-HF データシート(PDF) 6 Page - Comchip Technology

部品番号 BC856-HF
部品情報  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856-HF データシート(HTML) 6 Page - Comchip Technology

  BC856-HF Datasheet HTML 1Page - Comchip Technology BC856-HF Datasheet HTML 2Page - Comchip Technology BC856-HF Datasheet HTML 3Page - Comchip Technology BC856-HF Datasheet HTML 4Page - Comchip Technology BC856-HF Datasheet HTML 5Page - Comchip Technology BC856-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
QW-JTR16
Comchip Technology CO., LTD.
Page 6
REV:A
Part Number
BC856A-HF
Marking Code
3A
Marking Code
BC857A-HF
3E
BC858A-HF
3J
XX
3
1
2
xx = Product type marking code
BC856B-HF
3B
BC857B-HF
3F
BC858B-HF
3K
BC857C-HF
3G
BC858C-HF
3L
General Purpose Transistor
Company reserves the right to improve product design , functions and reliability without notice.
Standard Packaging
Case Type
Qty Per Reel
(Pcs)
3,000
SOT-23
Reel Size
(inch)
7
Suggested PAD Layout
A
D
C
SIZE
(inch)
0.035
(mm)
0.90
0.80
2.00
0.031
0.079
SOT-23
A
B
D
B
1.90
0.075
C


同様の部品番号 - BC856-HF

メーカー部品番号データシート部品情報
logo
Bruckewell Technology L...
BC856-8W BWTECH-BC856-8W Datasheet
198Kb / 3P
   PNP Silicon Epitaxial Planar Transistor
logo
Unisonic Technologies
BC856-A-AE3-R UTC-BC856-A-AE3-R Datasheet
176Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Pan Jit International I...
BC856-AU PANJIT-BC856-AU Datasheet
372Kb / 6P
   PNP GENERAL PURPOSE TRANSISTORS
BC856-AU_0_00001 PANJIT-BC856-AU_0_00001 Datasheet
372Kb / 6P
   PNP GENERAL PURPOSE TRANSISTORS
BC856-AU_0_10001 PANJIT-BC856-AU_0_10001 Datasheet
372Kb / 6P
   PNP GENERAL PURPOSE TRANSISTORS
More results

同様の説明 - BC856-HF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com