データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC856A-HF データシート(PDF) 4 Page - Comchip Technology

部品番号 BC856A-HF
部品情報  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC856A-HF データシート(HTML) 4 Page - Comchip Technology

  BC856A-HF Datasheet HTML 1Page - Comchip Technology BC856A-HF Datasheet HTML 2Page - Comchip Technology BC856A-HF Datasheet HTML 3Page - Comchip Technology BC856A-HF Datasheet HTML 4Page - Comchip Technology BC856A-HF Datasheet HTML 5Page - Comchip Technology BC856A-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electrical Characteristic Curves (BC856-HF Thru. BC858-HF Series)
-400
-1200
Comchip Technology CO., LTD.
Page 4
REV:A
-200
-800
General Purpose Transistor
QW-JTR16
IC, (mA)
-600
-1000
0
Tam
b=-5
5°C
Tam
b=2
5°C
Tam
b=
150
°C
BC857C;VCE= -5V
Fig.10 - Base-Emitter voltage as a function
of collector current; typical values
-400
-1200
-200
-800
IC, (mA)
-600
-1000
0
BC857B;IC/IB= 20
Tam
b=-5
5°C
Tam
b=25
°C
Tam
b=15
0°C
Fig.8 - Base-Emitter saturation voltage
as a function of collector current;
values
typical
400
1000
200
800
IC, (mA)
600
0
Fig.9 - DC current gain as a function fo
collector current; typical values.
BC857C;VCE= -5V
Tamb=
150°C
Tamb=25°C
Tamb=-55°C
IC, (mA)
Fig.7 - Collector-Emitter saturation voltage
as a function of collector current
typical values.
-10
4
-10
3
-10
2
-10
Tamb=25°C
Tamb=-55°C
Tamb=150°C
BC857B;IC/IB= 20
-400
-1200
-200
-800
IC, (mA)
-600
-1000
0
BC857C;IC/IB= 20
Tam
b=-5
5°C
Tam
b=25
°C
Tam
b=15
0°C
Fig.12 - Base-Emitter saturation voltage
as a function of collector current;
typical values
Fig.11 - Collector-Emitter saturation voltage
as a function of collector current;
typical values.
Company reserves the right to improve product design , functions and reliability without notice.
IC, (mA)
BC857C;IC/IB= 20
Tamb=25°C
Tamb=-55°C
Tamb=150°C
-10
-1
-10
-1
-10
2
-10
3
-10
4
-10
3
-10
2
-10
-10
-1
-10
-2
-10
-1
-10
2
-10
3
-10
-1
-10
-1
-10
2
-10
3
-10
-1
-10
-1
-10
2
-10
3
-10
-1
-10
-1
-10
2
-10
3
-10
-1
-10
-1
-10
2
-10
3


同様の部品番号 - BC856A-HF

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BC856A-3A ETC-BC856A-3A Datasheet
35Kb / 3P
   SOT23 PNP SILICON PLANAR GENERAL PURPOSE TRANSISTORS
logo
Diodes Incorporated
BC856A-7 DIODES-BC856A-7 Datasheet
44Kb / 3P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
BC856A-7-F DIODES-BC856A-7-F Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
BC856A-7-F DIODES-BC856A-7-F Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Nexperia B.V. All right...
BC856A-Q NEXPERIA-BC856A-Q Datasheet
222Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 20 May 2022
More results

同様の説明 - BC856A-HF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com