データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLJN336M004R8000 データシート(PDF) 4 Page - AVX Corporation

部品番号 TLJN336M004R8000
部品情報  Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

TLJN336M004R8000 データシート(HTML) 4 Page - AVX Corporation

  TLJN336M004R8000 Datasheet HTML 1Page - AVX Corporation TLJN336M004R8000 Datasheet HTML 2Page - AVX Corporation TLJN336M004R8000 Datasheet HTML 3Page - AVX Corporation TLJN336M004R8000 Datasheet HTML 4Page - AVX Corporation TLJN336M004R8000 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
54
AUGUST 2014
TLJ Series
Tantalum Solid Electrolytic Chip Capacitors
High CV Consumer Series
Rated
Rated
Category
Category
Maximum
DCL
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature
Voltage
Temperature
Surge
(μA)
Max.
MSL
Product
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Current
Max.
(mΩ)
25ºC
85ºC
125ºC
Category
(A)
@ 100kHz
10 Volt @ 40°C
TLJN106M010#2500
N
10
10
40
2
125
1.7
1.0
2500
3
141
127
57
1
TLJR106M010#2000
R
10
10
40
2
125
2.0
1.0
2000
3
166
149
66
1
TLJR106M010#3000
R
10
10
40
2
125
1.4
1.0
3000
3
135
122
54
1
TLJR156M010#2000
R
15
10
40
2
125
2.0
1.5
2000
3
166
149
66
1
TLJK226M010#1800
K
22
10
40
2
125
2.2
2.2
1800
3
167
150
67
2
TLJN226M010#3800
N
22
10
40
2
125
1.2
2.2
3800
3
115
103
46
1
TLJR226M010#3800
R
22
10
40
2
125
1.2
2.2
3800
3
120
108
48
2
TLJK336M010#1500
K
33
10
40
2
125
2.6
3.3
1500
3
208
187
83
2
TLJN336M010#9600
N
33
10
40
2
125
0.5
6.6
9600
3
72
65
29
1
TLJP336M010#3500
P
33
10
40
2
125
1.3
3.3
3500
3
131
118
52
2
TLJR336M010#3500
R
33
10
40
2
125
1.3
3.3
3500
3
125
113
50
2
TLJS336M010#1500
S
33
10
40
2
125
2.6
3.3
1500
3
208
187
83
2
TLJA476M010#0600
A
47
10
40
2
125
4.8
4.7
600
3
354
318
141
1
TLJG476M010#1500
G
47
10
40
2
125
2.6
4.7
1500
3
216
194
86
2
TLJP476M010#3200
P
47
10
40
2
125
1.4
4.7
3200
3
137
123
55
2
TLJR476M010#3200
R
47
10
40
2
125
1.4
9.4
3200
3
131
118
52
2
TLJS476M010#1500
S
47
10
40
2
125
2.6
4.7
1500
3
208
187
83
2
TLJT476M010#0600
T
47
10
40
2
125
4.8
4.7
600
3
365
329
146
1
TLJA686M010#1500
A
68
10
40
2
125
2.6
6.8
1500
3
224
201
89
2
TLJA107M010#1400
A
100
10
40
2
125
2.7
10.0
1400
3
231
208
93
2
TLJH107M010#0900
H
100
10
40
2
125
3.7
10.0
900
3
298
268
119
2
TLJT107M010#0900
T
100
10
40
2
125
3.7
10.0
900
3
298
268
119
2
TLJB157M010#0500
B
150
10
40
2
125
5.3
15.0
500
3
412
371
165
1
TLJW157M010#0150
W
150
10
40
2
125
8.3
15.0
150
3
775
697
310
1
TLJW157M010#0200
W
150
10
40
2
125
7.7
15.0
200
3
671
604
268
1
TLJF227M010#0300
F
220
10
40
2
125
6.7
22.0
300
3
577
520
231
1
16 Volt @ 40°C
TLJS106M016#2200
S
10
16
40
3.2
125
3.0
1.6
2200
3
172
155
69
1
TLJT226M016#1000
T
22
16
40
3.2
125
5.5
3.5
1000
3
283
255
113
1
TLJT336M016#1000
T
33
16
40
3.2
125
5.5
5.3
1000
3
283
255
113
1
20 Volt @ 40°C
TLJT106M020#1000
T
10
20
40
4
125
6.9
2.0
1000
3
283
255
113
1
RATINGS & PART NUMBER REFERENCE
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance is measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at
rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalogue limit post mounting
DCL allowed to move up to 2.00 times catalogue limit post mounting
For typical weight and composition see page 212.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


同様の部品番号 - TLJN336M004R8000

メーカー部品番号データシート部品情報
logo
AVX Corporation
TLJN336M0048000 AVX-TLJN336M0048000 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJN336M0048000 AVX-TLJN336M0048000 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
More results

同様の説明 - TLJN336M004R8000

メーカー部品番号データシート部品情報
logo
AVX Corporation
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M006R0800 AVX-TLJA107M006R0800 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M006XTA AVX-TLCL226M006XTA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com