データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3691TL-1.5 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM3691TL-1.5
部品情報  High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3691TL-1.5 データシート(HTML) 6 Page - Texas Instruments

Back Button LM3691TL-1.5 Datasheet HTML 2Page - Texas Instruments LM3691TL-1.5 Datasheet HTML 3Page - Texas Instruments LM3691TL-1.5 Datasheet HTML 4Page - Texas Instruments LM3691TL-1.5 Datasheet HTML 5Page - Texas Instruments LM3691TL-1.5 Datasheet HTML 6Page - Texas Instruments LM3691TL-1.5 Datasheet HTML 7Page - Texas Instruments LM3691TL-1.5 Datasheet HTML 8Page - Texas Instruments LM3691TL-1.5 Datasheet HTML 9Page - Texas Instruments LM3691TL-1.5 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM3691
SNVS506J – MAY 2008 – REVISED DECEMBER 2015
www.ti.com
7.5 Electrical Characteristics
Unless otherwise specified, specifications apply to the LM3691 open-loop Typical Application Circuit with VIN = EN = 3.6 V;
typical limits are for TA = 25°C and minimum and maximum limits apply over the operating ambient temperature range (−30°C
≤ TA = TJ ≤ +85°C).
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM mode
–1%
1%
no load VOUT = 1.1 V to 3.3 V
VFB
Feedback voltage
PWM mode
–10
10
mV
no load VOUT = 0.75 V to 1 V
ISHDN
Shutdown supply current
EN = 0 V
0.03
1
µA
IQ_ECO
ECO mode IQ
ECO mode
64
80
µA
IQ_PWM
PWM mode IQ
PWM mode
490
600
µA
RDSON (P)
Pin-pin resistance for PFET
VIN = VGS = 3.6 V, IO = 200 mA
160
250
m
RDSON (N)
Pin-pin resistance for NFET
VIN = VGS = 3.6 V, IO = −200 mA
115
180
m
ILIM
Switch peak current limit
Open loop
1250
1500
1700
mA
VIH
Logic high input
1.2
V
VIL
Logic low input
0.4
V
IEN,MODE
Input current
0.01
1
µA
FSW
Switching frequency
PWM mode
3.6
4
4.4
MHz
VIN rising, TA = 25°C
2.2
2.29
V
VON
UVLO threshold(4)
VIN falling
2.1
V
TSTARTUP
Start time(5)
TA = 25°C
70
145
300
µs
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum and maximum limits are specified by design, test or statistical analysis. Typical numbers represent the most likely norm.
(3)
The parameters in the electrical characteristic table are tested under open-loop conditions at VIN = 3.6 V unless otherwise specified. For
performance over the input voltage range and closed loop condition, refer to the datasheet curves.
(4)
The UVLO rising threshold minus the falling threshold is always positive.
(5)
Specified by design. Not production tested.
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM3691


同様の部品番号 - LM3691TL-1.5

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3691TL-1.5 NSC-LM3691TL-1.5 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
More results

同様の説明 - LM3691TL-1.5

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3691 TI1-LM3691_14 Datasheet
2Mb / 23P
[Old version datasheet]   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
logo
National Semiconductor ...
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI-LM3691_15 Datasheet
2Mb / 24P
[Old version datasheet]   LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com