データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD18532NQ5BT データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD18532NQ5BT
部品情報  N-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18532NQ5BT データシート(HTML) 2 Page - Texas Instruments

  CSD18532NQ5BT Datasheet HTML 1Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 2Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 3Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 4Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 5Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 6Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 7Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 8Page - Texas Instruments CSD18532NQ5BT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CSD18532NQ5B
SLPS440A – JUNE 2013 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
6.1
Community Resources.............................................. 7
1
Features .................................................................. 1
6.2
Trademarks ............................................................... 7
2
Applications ........................................................... 1
6.3
Electrostatic Discharge Caution ................................ 7
3
Description ............................................................. 1
6.4
Glossary .................................................................... 7
4
Revision History..................................................... 2
7
Mechanical, Packaging, and Orderable
5
Specifications......................................................... 3
Information ............................................................. 8
5.1
Electrical Characteristics........................................... 3
7.1
Q5B Package Dimensions ........................................ 8
5.2
Thermal Information .................................................. 3
7.2
Recommended PCB Pattern..................................... 9
5.3
Typical MOSFET Characteristics .............................. 4
7.3
Recommended Stencil Pattern ................................. 9
6
Device and Documentation Support.................... 7
7.4
Q5B Tape and Reel Information ............................. 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (June 2014) to Revision A
Page
Added part number to title ..................................................................................................................................................... 1
Added 7" reel to Ordering Information.................................................................................................................................... 1
Updated pulsed current conditions ......................................................................................................................................... 1
Added line for Power Dissipation, TC = 25°C in Absolute Maximum Ratings table ............................................................... 1
Updated Figure 1 to show RθJC curves................................................................................................................................... 4
Updated SOA in Figure 10 .................................................................................................................................................... 6
Added Device and Documentation Support section............................................................................................................... 7
Updated Mechanical, Packaging, and Orderable Information and mechanical drawings ...................................................... 8
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: CSD18532NQ5B


同様の部品番号 - CSD18532NQ5BT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
More results

同様の説明 - CSD18532NQ5BT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com