データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR16030SDDA データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR16030SDDA
部品情報  SIMPLE SWITCHER Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR16030SDDA データシート(HTML) 1 Page - Texas Instruments

  LMR16030SDDA Datasheet HTML 1Page - Texas Instruments LMR16030SDDA Datasheet HTML 2Page - Texas Instruments LMR16030SDDA Datasheet HTML 3Page - Texas Instruments LMR16030SDDA Datasheet HTML 4Page - Texas Instruments LMR16030SDDA Datasheet HTML 5Page - Texas Instruments LMR16030SDDA Datasheet HTML 6Page - Texas Instruments LMR16030SDDA Datasheet HTML 7Page - Texas Instruments LMR16030SDDA Datasheet HTML 8Page - Texas Instruments LMR16030SDDA Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IOUT (A)
0.0001
0.001
0.01
0.1
1
3
40
50
60
70
80
90
100
D001
VIN = 12 V
VIN = 24 V
BOOT
SW
L
CBOOT
FB
VIN
VIN up to 60 V
GND
COUT
EN
CIN
SS
RT/SYNC
VOUT
RT
RFBT
RFBB
D
CSS
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMR16030
SNVSAH9 – DECEMBER 2015
LMR16030 SIMPLE SWITCHER® 60 V, 3 A Step-Down Converter
1 Features
3 Description
The LMR16030 is a 60 V, 3 A SIMPLE SWITCHER®
1
4.5 V to 60 V Input Range
step down regulator with an integrated high-side
3 A Continuous Output Current
MOSFET. With a wide input range from 4.5 V to 60
Ultra-low 40 µA Operating Quiescent Current
V, it’s suitable for various applications from industrial
to
automotive
for
power
conditioning
from
155 m
Ω High-Side MOSFET
unregulated
sources.
The
regulator’s
quiescent
Minimum Switch-On Time: 90 ns
current is 40 µA in Sleep-mode, which is suitable for
Current Mode Control
battery powered systems. An ultra-low 1
μA current in
shutdown mode can further prolong battery life. A
Adjustable Switching Frequency from 200 kHz to
wide adjustable switching frequency range allows
2.5 MHz
either efficiency or external component size to be
Frequency Synchronization to External Clock
optimized. Internal loop compensation means that the
Internal Compensation for Ease of Use
user
is
free
from
the
tedious
task
of
loop
High Duty Cycle Operation Supported
compensation
design.
This
also
minimizes
the
external components of the device. A precision
Precision Enable Input
enable input allows simplification of regulator control
1 µA Shutdown Current
and system power sequencing. The device also has
External Soft-start
built-in protection features such as cycle-by-cycle
current limit, thermal sensing and shutdown due to
Thermal, Overvoltage and Short Protection
excessive power dissipation, and output overvoltage
8-Pin HSOIC with PowerPAD™ Package
protection.
The LMR16030 is available in an 8-pin HSOIC
2 Applications
package with exposed pad for low thermal resistance.
Automotive Battery Regulation
Industrial Power Supplies
Device Information (1)
Telecom and Datacom Systems
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMR16030PDDA
HSOIC (8)
4.89 mm x 3.90 mm
General Purpose Wide Vin Regulation
(Power Good)
space
LMR16030SDDA
HSOIC (8)
4.89 mm x 3.90 mm
(Soft Start)
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
Efficiency vs Output Current
Vout = 5 V, fs = 300 kHz
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.


同様の部品番号 - LMR16030SDDA

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR16006 TI1-LMR16006 Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006XDDCR TI1-LMR16006XDDCR Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006XDDCT TI1-LMR16006XDDCT Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
LMR16006Y-Q1 TI-LMR16006Y-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
More results

同様の説明 - LMR16030SDDA

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMR14030-Q1 TI1-LMR14030-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 3.5A Step-Down Converter
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMR14050-Q1 TI1-LMR14050-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
logo
Wuxi Youda electronics ...
YD2576 YOUDA-YD2576 Datasheet
84Kb / 3P
   SIMPLE SWITCHER 3A STEP-DOWN VOLTAGE
logo
Texas Instruments
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com