データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM53635NQRNLTQ1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM53635NQRNLTQ1
部品情報  Automotive Step Down DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53635NQRNLTQ1 データシート(HTML) 1 Page - Texas Instruments

  LM53635NQRNLTQ1 Datasheet HTML 1Page - Texas Instruments LM53635NQRNLTQ1 Datasheet HTML 2Page - Texas Instruments LM53635NQRNLTQ1 Datasheet HTML 3Page - Texas Instruments LM53635NQRNLTQ1 Datasheet HTML 4Page - Texas Instruments LM53635NQRNLTQ1 Datasheet HTML 5Page - Texas Instruments LM53635NQRNLTQ1 Datasheet HTML 6Page - Texas Instruments LM53635NQRNLTQ1 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
L1=2.2µH
PVIN 1
PGND1
CBIAS
VCC
CBOOT
SW
EN
AVIN
FPWM
RESET
VOUT
LM53625/35
AGND
3 X 22µF
10µF
470nF
PVIN 2
PGND2
SYNC
FB
NC
VSUPPLY
10µF
2.2µF
10µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
LM53625-Q1, LM53635-Q1
SNVSAA7 – DECEMBER 2015
LM53625/35-Q1, 2.5/3.5A, 36 V Wide-VINSynchronous, 2.1MHz, Automotive Step Down DC-
DC Converter
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM Classification Level 2
Device CDM Classification Level C5
4 mm x 5 mm, 0.5 mm Pitch SON Package with
Wettable Flanks and 0.6 mm VIN Spacing
-40°C to 150°C Junction Temperature Range
Current Mode Control with Internal Compensation
2.1MHz (±10%) Fixed Switching Frequency
Low EMI
Spread Spectrum as a Factory Option
Min OFF Time-80ns (maximum)
Min ON Time-60ns (maximum)
External Frequency Synchronization
RESET Output with Filter and 3ms Release Timer
Automatic Light Load Mode for Improved
Efficiency
Pin Selectable Forced PWM Mode
Built in Compensation, Soft-start, Current Limit,
Thermal Shutdown and UVLO
3.5 V to 36 V Input Voltage with Transients up to
42 V
LM53625-Q1 = 2.5 A Maximum Load Current
LM53635-Q1 = 3.5 A Maximum Load Current
91% Efficiency while Converting 13.5 V to 5 V, 3.5
A
0.6 V Dropout at 3.5 A Load, 1.4 V @ 1.85MHz @
105ºC TA
Output Voltage Options: 5 V, 3.3 V and Adjustable
±1.5% Output Voltage Tolerance (over
temperature)
2-µA Shutdown Current (typical)
15-µA Iq - Quiescent Current at no Load (Typical)
with 3.3 V Typical
2 Applications
Automotive Telematics
Navigation Systems
In-Dash Instrumentation
Battery-Powered Applications
3 Description
The LM53625-Q1/LM53635-Q1 synchronous buck
regulator is optimized for automotive applications,
providing an output voltage of 5 V, 3.3 V, or an
adjustable output. Advanced high speed circuitry
allows the LM53625-Q1/LM53635-Q1 to regulate
from an input of 13.5 V to an output 3.3 V at a fixed
frequency of 2.1MHz. Innovative architecture allows
the device to regulate a 3.3 V output from an input
voltage of only 3.5 V. All aspects of the LM53625-
Q1/LM53635-Q1 are optimized for automotive and
performance driven industrial customers. An input
voltage range up to 36 V, with transient tolerance up
to 42 V, eases input surge protection design. An open
drain reset output, with filtering and delay, provides a
true indication of system status. This feature negates
the
requirement
for
an
additional
supervisory
component, saving cost and board space. Seamless
transition between PWM and PFM modes, along with
a quiescent current of only 15-µA for 3.3 V option,
ensures
high
efficiency
and
superior
transient
response at all loads.
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE
LM53625-Q1
SON (22)
4 mm x 5 mm
LM53635-Q1
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Circuit
Automotive Wide-VIN Buck Convertor, 3.5-
V to 36 V input, available in 3.3 V, 5.0 V
and Adjustable output.


同様の部品番号 - LM53635NQRNLTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM53635NQRNLTQ1 TI1-LM53635NQRNLTQ1 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
LM53635NQRNLTQ1 TI-LM53635NQRNLTQ1 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
More results

同様の説明 - LM53635NQRNLTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM53600-Q1 TI1-LM53600-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Automotive Step Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20037EVKIT MAXIM-MAX20037EVKIT Datasheet
111Kb / 2P
   automotive highcurrent step-down DC-DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com