データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDBR3-54M-HF データシート(PDF) 4 Page - Comchip Technology

部品番号 CDBR3-54M-HF
部品情報  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBR3-54M-HF データシート(HTML) 4 Page - Comchip Technology

  CDBR3-54M-HF Datasheet HTML 1Page - Comchip Technology CDBR3-54M-HF Datasheet HTML 2Page - Comchip Technology CDBR3-54M-HF Datasheet HTML 3Page - Comchip Technology CDBR3-54M-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
QW-JA006
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Small Signal Schottky Diodes
Part Number
CDBR3-54M-HF
Marking Code
Suggested PAD Layout
SIZE
(inch)
0.017
(mm)
0.42
0.30
0.30
0.012
0.012
SOT-723
0.32
0.013
E
0.80
0.031
A
B
C
D
L1
3
1
2
B
F
C
D
A
E
1.00
0.039
F
Marking Code
L1
Standard Packaging
Case Type
SOT-723
8,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
1.General tolerance: ±0.05mm.
2.The pad layout is for reference purposes only.
Note:


同様の部品番号 - CDBR3-54M-HF

メーカー部品番号データシート部品情報
logo
Fronter Electronics Co....
CDB FRONTER-CDB Datasheet
120Kb / 1P
   DISCRIMINATOR FOR COMMUNICATION
logo
Sensata Technologies, I...
CDB SENSATA-CDB Datasheet
819Kb / 4P
   | DRAW WIRE SENSOR, CDB RANGE
logo
Hirose Electric
CDB-15PF HIROSE-CDB-15PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDB-15SF HIROSE-CDB-15SF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
CDB-25PF HIROSE-CDB-25PF Datasheet
272Kb / 6P
   CD CRIMP TYPE CONNECTOR
More results

同様の説明 - CDBR3-54M-HF

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com