データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS6511 データシート(PDF) 1 Page - LSI Computer Systems

部品番号 LS6511
部品情報  PIR SENSOR INTERFACE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LSI [LSI Computer Systems]
ホームページ  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6511 データシート(HTML) 1 Page - LSI Computer Systems

  LS6511_06 Datasheet HTML 1Page - LSI Computer Systems LS6511_06 Datasheet HTML 2Page - LSI Computer Systems LS6511_06 Datasheet HTML 3Page - LSI Computer Systems LS6511_06 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES:
• Direct Interface with PIR Sensor
• Two-Stage Differential Amplifier
• Amplifier Gain and Bandwidth externally controlled
• True and Complementary Output Drives
• Separate digital filters for processing positive and
negative input signals
• Single Pulse/Dual Pulse/ Concurrent Pulse Detection
• Adjustable Output Pulse Width
• Optional 5V Shunt Regulator Output
• 50µA Typical Supply Current
• Undervoltage Detection
• LS6511(DIP); LS6511-S (SOIC) - See Figure 1
APPLICATIONS:
Security system intrusion detection, automatic doors, motion
triggered events such as remote animal photography.
DESCRIPTION (See Figure 5)
The LS6511 is a CMOS integrated circuit, designed for detecting
motion from a PIR Sensor and initiating appropriate responses.
DIFFERENTIAL AMPLIFIER
Each stage of the two stage Differential Amplifier can be set to
have its own amplification and bandwidth. The two inputs to the
first stage allow for single-ended or differential connection to PIR
Sensors. This stage can be biased anywhere in its dynamic
range. The second stage is internally biased so that the Window
Comparator’s lower and higher thresholds can be fixed relative to
this bias. Signal levels as low as 100µV can be detected.
WINDOW COMPARATOR
The Window Comparator provides noise filtering by enabling only
those signals equal to or greater than a fixed threshold at the
output of the Differential Amplifier to appear at the 2 outputs of
the Window Comparator. One output detects positive input
signals while the other output detects negative input signals.
COMPARATOR DIGITAL FILTER
The outputs of the Window Comparator are filtered so that
motion must be present for a certain duration before it can be
recognized and appear as pulses at the Digital Filter outputs. An
external RC network sets the duration time. Nominal duration is
50ms.
MODE SELECT
A tristate input pin selects how the detected signals are
processed. Single Pulse (SP) Mode is when detection from either
a positive or negative input signal at the Digital Filter outputs will
cause an LED/RELAY output to occur. Concurrent Pulse (CP)
Mode is when detection from a positive and negative input signal
must occur within a specific time before an output will occur.
Dual Pulse (DP) mode is when any two detections within a
specific time will cause an output to occur.
SP Mode = 0; CP Mode = Open; DP Mode = 1.
PIR SENSOR INTERFACE
September 2006
6511-090606-1
PROGRAMMABLE RETRIGGERABLE ONE-SHOTS
Positive and negative input signals at the digital filter outputs will
generate retriggerable one-shot pulses. In the Concurrent Pulse
Mode, outputs from each one-shot must occur together at some
point in time to cause an output to occur. The one-shot pulse
width is programmable using an external RC network. Typical
pulse widths used vary between 1 and 12 seconds.
WINDOW TIMER
In the Dual Pulse Mode any two detections must occur within a
timing window to cause an output to occur. The timing window is
programmable using an external RC network. Typical windows
are between 1 and 5 seconds.
OUTPUT DURATION TIMER
The duration timer is retriggerable and programmable using an
external RC network. Typical duration times are between 0.5 and
15 seconds. Successive input detections will restart the timer.
OUTPUTS
The LED/RELAY Output is an open drain output that will sink
current when an input signal is detected and processed and
when the Power Supply drops below 3.7V (Typical) (Under-
voltage Detection). The Undervoltage Detection will be removed
when the Power Supply rises above 3.9V (Typical). The LED/
RELAY Output performs identically but is opposite in polarity.
The output can sink current from a relay coil returned to a
positive voltage (VDD to 9.5V maximum).
SHUNT REGULATOR
The LS6511 includes a 5V Shunt Regulator Output which can be
tied to the VDD Pin so that the circuit can be powered from a
higher voltage power supply.
Note: See Figures 2, 3 and 4 for application schematics.
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS6511
UL
®
A3800
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DIFF. AMP. 2 INPUT (- )
DIFF. AMP. 2 OUTPUT
CP MODE / DP MODE RC
DIGITAL FILTER RC
VDD
DIFF. AMP 1 INPUT (-)
DIFF. AMP 1 INPUT (+)
5V REGULATOR OUTPUT
MODE SELECT
DURATION TIMER RC
LED/RELAY OUTPUT
PIN ASSIGNMENT - TOP VIEW
FIGURE 1
DIFF. AMP. 1 OUTPUT
VSS
LED/RELAY OUTPUT
(+V)
(- V)


同様の部品番号 - LS6511_06

メーカー部品番号データシート部品情報
logo
LSI Computer Systems
LS6511N LSI-LS6511N Datasheet
205Kb / 5P
   Direct Interface with PIR Sensor
More results

同様の説明 - LS6511_06

メーカー部品番号データシート部品情報
logo
LSI Computer Systems
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
   PIR SENSOR INTERFACE
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
   PIR SENSOR INTERFACE
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
   PIR SENSOR INTERFACE
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
   PIR SENSOR INTERFACE
LS6505 LSI-LS6505 Datasheet
42Kb / 4P
   PIR SENSOR INTERFACE
LS6501LP LSI-LS6501LP_08 Datasheet
420Kb / 8P
   PIR SENSOR INTERFACE
LS6511N LSI-LS6511N Datasheet
205Kb / 5P
   Direct Interface with PIR Sensor
logo
List of Unclassifed Man...
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
   SENSOR PIR
logo
LSI Computer Systems
LS6525 LSI-LS6525 Datasheet
191Kb / 5P
   BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
LS6525 LSI-LS6525_15 Datasheet
219Kb / 5P
   BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com