データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP718 データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TLP718
部品情報  Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP718 データシート(HTML) 6 Page - Toshiba Semiconductor

  TLP718_15 Datasheet HTML 1Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 2Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 3Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 4Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 5Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 6Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 7Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 8Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLP718
2015-10-13
6
EN60747-5-5 Option:(D4)
Types
: TLP718, TLP718F
Type designations for “option: (D4)”, which are tested under EN60747 requirements.
Ex.: TLP718 (D4-TP,F)
D4 : EN60747 option
TP : Standard tape & reel type
F
: [[G]]/RoHS COMPATIBLE (Note 1)
Note: Use TOSHIBA standard type number for safety standard application.
Ex.: TLP718 (D4-TP,F)
→ TLP718
Note 1 : Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
The RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on
the restriction of the use of certain hazardous substances in electrical and electronics equipment.
EN60747 Isolation Characteristics
Description
Symbol
Rating
Unit
Application classification
for rated mains voltage
≤ 300 Vrms
for rated mains voltage
≤ 600 Vrms
I-IV
I-III
Climatic classification
40 / 100 / 21
Pollution degree
2
Maximum operating insulation voltage
TLPxxx type
VIORM
890
Vpk
TLPxxxF type
1140
Input to output test voltage, method A
Vpr = 1.6×VIORM, type and sample test
tp = 10 s, partial discharge < 5 pC
TLPxxx type
Vpr
1424
Vpk
TLPxxxF type
1824
Input to output test voltage, method B
Vpr = 1.875×VIORM, 100% production test
tp = 1 s, partial discharge < 5 pC
TLPxxx type
Vpr
1670
Vpk
TLPxxxF type
2140
Highest permissible overvoltage
(transient overvoltage, tpr = 60 s)
VTR
8000
Vpk
Safety limiting values (max permissible ratings in case of
fault, also refer to thermal derating curve)
current (input current IF, Psi = 0)
power (output or total power dissipation)
temperature
Isi
Psi
Tsi
300
700
150
mA
mW
°C
Insulation resistance,
Rsi
≥1012
≥1011
≥109
Ω
= 500 V, Ta = 25°C
= 500 V, Ta = 100°C
= 500 V, Ta = Tsi
VIO
VIO
VIO


同様の部品番号 - TLP718_15

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
   TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
More results

同様の説明 - TLP718_15

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
   Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
   Microprocessor System Interfaces
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com