データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDBURT0530LL-HF データシート(PDF) 4 Page - Comchip Technology

部品番号 CDBURT0530LL-HF
部品情報  Low Profile SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBURT0530LL-HF データシート(HTML) 4 Page - Comchip Technology

  CDBURT0530LL-HF Datasheet HTML 1Page - Comchip Technology CDBURT0530LL-HF Datasheet HTML 2Page - Comchip Technology CDBURT0530LL-HF Datasheet HTML 3Page - Comchip Technology CDBURT0530LL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
QW-G1111
Marking Code
Suggested PAD Layout
SIZE
(inch)
0.049
(mm)
1.25
0.60
1.00
0.024
0.039
1.85
0.073
E
0.65
0.026
Standard Packaging
A
B
C
D
A
C
B
E
D
Part Number
CDBURT0530LL-HF
Marking Code
BS
Comchip Technology CO., LTD.
REV:B
Low Profile SMD Schottky Barrier Diode
0603/SOD-523F
Case Type
Qty Per Reel
(Pcs)
4,000
0603/SOD-523F
Reel Size
(inch)
7
XX
BT
xx = Product type marking code
Company reserves the right to improve product design , functions and reliability without notice.


同様の部品番号 - CDBURT0530LL-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBURT0230L-HF COMCHIP-CDBURT0230L-HF Datasheet
129Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230LL-HF COMCHIP-CDBURT0230LL-HF Datasheet
126Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230LL-HF COMCHIP-CDBURT0230LL-HF Datasheet
126Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230R-HF COMCHIP-CDBURT0230R-HF Datasheet
129Kb / 4P
   Low Profile SMD Schottky Barrier Diode
More results

同様の説明 - CDBURT0530LL-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBURT0230L-HF COMCHIP-CDBURT0230L-HF Datasheet
129Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230LL-HF COMCHIP-CDBURT0230LL-HF Datasheet
126Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230R-HF COMCHIP-CDBURT0230R-HF Datasheet
129Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230LL-HF COMCHIP-CDBURT0230LL-HF Datasheet
126Kb / 4P
   Low Profile SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
   Low VF SMD Schottky Barrier Diode
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
   Low VF SMD Schottky Barrier Diode
REV:D
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
   Low VF SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com