データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDBV1100-HF データシート(PDF) 4 Page - Comchip Technology

部品番号 CDBV1100-HF
部品情報  SMD Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV1100-HF データシート(HTML) 4 Page - Comchip Technology

  CDBV1100-HF Datasheet HTML 1Page - Comchip Technology CDBV1100-HF Datasheet HTML 2Page - Comchip Technology CDBV1100-HF Datasheet HTML 3Page - Comchip Technology CDBV1100-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Schottky Barrier Diodes
QW-JB067
Page 4
REV: A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
10
Part Number
Marking Code
CDBV1100-HF
Marking Code
SOD-323
XX
XX = Product type marking code
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
▎= The marking bar indicates the cathode.
SIZE
(inch)
0.087
(mm)
2.22
0.63
0.83
0.025
0.033
2.85
0.113
E
1.60
0.063
B
C
D
A
SOD-323
A
B
C
E
D
Suggested PAD Layout


同様の部品番号 - CDBV1100-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
CDBV120-G COMCHIP-CDBV120-G Datasheet
73Kb / 2P
   SMD Schottky Barrier Diode
CDBV120-G COMCHIP-CDBV120-G Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
CDBV120-G COMCHIP-CDBV120-G_12 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
CDBV120-HF COMCHIP-CDBV120-HF Datasheet
146Kb / 5P
   SMD Schottky Barrier Diodes
More results

同様の説明 - CDBV1100-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBW0520 COMCHIP-CDBW0520 Datasheet
59Kb / 2P
   SMD Schottky Barrier Diodes
CDBW120-G COMCHIP-CDBW120-G_12 Datasheet
103Kb / 4P
   SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
   SMD Schottky Barrier Diodes
CDBV120-G COMCHIP-CDBV120-G_12 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
SD101AW DIOTEC-SD101AW_16 Datasheet
132Kb / 2P
   SMD Schottky Barrier Diodes
LL101B DIOTEC-LL101B_16 Datasheet
142Kb / 2P
   SMD Schottky Barrier Diodes
logo
Comchip Technology
RB521G-30HF COMCHIP-RB521G-30HF Datasheet
191Kb / 4P
   SMD Schottky Barrier Diodes
CDBQC0530L-HF COMCHIP-CDBQC0530L-HF Datasheet
81Kb / 4P
   SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
SD103AW DIOTEC-SD103AW_16 Datasheet
131Kb / 2P
   SMD Schottky Barrier Diodes
logo
Comchip Technology
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
   SMD Schottky Barrier Diodes
RB520S-30 COMCHIP-RB520S-30_12 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com