データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP2301 データシート(PDF) 8 Page - Toshiba Semiconductor

部品番号 TLP2301
部品情報  Collector-emitter voltage - 40 V (min)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2301 データシート(HTML) 8 Page - Toshiba Semiconductor

Back Button TLP2301 Datasheet HTML 3Page - Toshiba Semiconductor TLP2301 Datasheet HTML 4Page - Toshiba Semiconductor TLP2301 Datasheet HTML 5Page - Toshiba Semiconductor TLP2301 Datasheet HTML 6Page - Toshiba Semiconductor TLP2301 Datasheet HTML 7Page - Toshiba Semiconductor TLP2301 Datasheet HTML 8Page - Toshiba Semiconductor TLP2301 Datasheet HTML 9Page - Toshiba Semiconductor TLP2301 Datasheet HTML 10Page - Toshiba Semiconductor TLP2301 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TLP2301
8
12.
12.
12.
12. Soldering and Storage
Soldering and Storage
Soldering and Storage
Soldering and Storage
12.1.
12.1.
12.1.
12.1. Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
The soldering temperature should be controlled as closely as possible to the conditions shown below, irrespective
of whether a soldering iron or a reflow soldering method is used.
When using soldering reflow.
The soldering temperature profile is based on the package surface temperature.
(See the figure shown below, which is based on the package surface temperature.)
Reflow soldering must be performed once or twice.
The mounting should be completed with the interval from the first to the last mountings being 2 weeks.
An Example of a Temperature Profile
An Example of a Temperature Profile
An Example of a Temperature Profile
An Example of a Temperature Profile
When Lead(Pb)-Free Solder Is Used
When Lead(Pb)-Free Solder Is Used
When Lead(Pb)-Free Solder Is Used
When Lead(Pb)-Free Solder Is Used
When using soldering flow
Preheat the device at a temperature of 150  (package surface temperature) for 60 to 120 seconds.
Mounting condition of 260  within 10 seconds is recommended.
Flow soldering must be performed once.
When using soldering Iron
Complete soldering within 10 seconds for lead temperature not exceeding 260  or within 3 seconds not
exceeding 350 
Heating by soldering iron must be done only once per lead.
12.2.
12.2.
12.2.
12.2. Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Avoid storage locations where devices may be exposed to moisture or direct sunlight.
Follow the precautions printed on the packing label of the device for transportation and storage.
Keep the storage location temperature and humidity within a range of 5  to 35  and 45 % to 75 %,
respectively.
Do not store the products in locations with poisonous gases (especially corrosive gases) or in dusty
conditions.
Store the products in locations with minimal temperature fluctuations. Rapid temperature changes during
storage can cause condensation, resulting in lead oxidation or corrosion, which will deteriorate the
solderability of the leads.
When restoring devices after removal from their packing, use anti-static containers.
Do not allow loads to be applied directly to devices while they are in storage.
If devices have been stored for more than two years under normal storage conditions, it is recommended
that you check the leads for ease of soldering prior to use.
2016-01-13
Rev.3.0
©2016 Toshiba Corporation


同様の部品番号 - TLP2301

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
   Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
   Photocouplers GaA-As Infrared LED - Photo IC
More results

同様の説明 - TLP2301

メーカー部品番号データシート部品情報
logo
Guangdong Youtai Semico...
TLP185GB-S UMW-TLP185GB-S Datasheet
1Mb / 8P
   Collector-emitter voltage: 80 V (min)
logo
Inchange Semiconductor ...
3DD101B ISC-3DD101B Datasheet
191Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
3DD15C ISC-3DD15C Datasheet
190Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
2SA651 ISC-2SA651 Datasheet
69Kb / 2P
   Collector-Emitter Breakdown Voltage- : V(BR)CEO= -150V(Min.)
2SB874 ISC-2SB874 Datasheet
111Kb / 2P
   Collector-Emitter Breakdown Voltage- : V(BR)CEO= -60V(Min)
3DD208 ISC-3DD208 Datasheet
188Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 200V(Min.)
3DD7C ISC-3DD7C Datasheet
191Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min)
3DD7E ISC-3DD7E Datasheet
191Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 250V(Min)
BUY72 ISC-BUY72 Datasheet
192Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 200V(Min.)
3DD8B ISC-3DD8B Datasheet
190Kb / 2P
   Collector-Emitter Breakdown Voltage-: V(BR)CEO= 50V(Min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com