データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP2662F データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TLP2662F
部品情報  Photocouplers GaA-As Infrared LED and Photo IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2662F データシート(HTML) 1 Page - Toshiba Semiconductor

  TLP2662F Datasheet HTML 1Page - Toshiba Semiconductor TLP2662F Datasheet HTML 2Page - Toshiba Semiconductor TLP2662F Datasheet HTML 3Page - Toshiba Semiconductor TLP2662F Datasheet HTML 4Page - Toshiba Semiconductor TLP2662F Datasheet HTML 5Page - Toshiba Semiconductor TLP2662F Datasheet HTML 6Page - Toshiba Semiconductor TLP2662F Datasheet HTML 7Page - Toshiba Semiconductor TLP2662F Datasheet HTML 8Page - Toshiba Semiconductor TLP2662F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TLP2662,TLP2662F
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP2662,TLP2662F
TLP2662,TLP2662F
TLP2662,TLP2662F
TLP2662,TLP2662F
1.
1.
1.
1. Applications
Applications
Applications
Applications
Factory Automation (FA)
High-Speed Digital Interfacing for Instrumentation and Control Devices
Measuring Instruments
2.
2.
2.
2. General
General
General
General
The TLP2662/TLP2662F consists of high-intensity GaAℓAs infrared light-emitting diodes (LEDs) optically coupled
to a high-gain, high-speed photoreceptor chip. The TLP2662/TLP2662F guarantees operation at up to 125  and
on supplies from 2.7 V to 5.5 V. It is offered in the DIP8 package. With two LED-photoreceptor pairs, the TLP2662/
TLP2662F helps save board space. An internal noise shield provides superior common-mode rejection for improved
noise immunity of ±20 kV/µs.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Inverter logic type (open collector output)
(2)
Package: DIP8
(3)
Operating temperature: -40 to 125 
(4)
Supply voltage: 2.7 to 5.5 V
(5)
Data transfer rate: 10 MBd (typ.) (NRZ)
(6)
Threshold input current: 5.0 mA (max)
(7)
Supply current: 8 mA (max)
(8)
Common-mode transient immunity: ±20 kV/µs (min)
(9)
Isolation voltage: 5000 Vrms (min)
(10) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5 (Note 1)
(Note 1)
(Note 1)
(Note 1)
Note 1: When an EN60747-5-5 approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
2015-11-30
Rev.5.0
©2015 Toshiba Corporation


同様の部品番号 - TLP2662F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP2662F TOSHIBA-TLP2662F Datasheet
445Kb / 16P
   Photocouplers GaAAs Infrared LED & Photo IC
More results

同様の説明 - TLP2662F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2355 TOSHIBA-TLP2355 Datasheet
261Kb / 11P
   Photocouplers GaA - As Infrared LED and Photo IC
TLP701A TOSHIBA-TLP701A Datasheet
389Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2398 TOSHIBA-TLP2398 Datasheet
560Kb / 18P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2468 TOSHIBA-TLP2468_15 Datasheet
331Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2362 TOSHIBA-TLP2362 Datasheet
476Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com