データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA77 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 SMA77
部品情報  Cascadable Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA77 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMA77 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA77 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMA77 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMA77 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Cascadable Amplifier
5 to 500 MHz
Rev. V3
A77 / SMA77
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 High Gain: 16.5 dB (typ.)
 High Level Output: +16.5 dBm (typ.)
 High Third Order OIP3: +30 dBm (typ.)
 Low VSWR: 1.3:1 (typ.)
Description
The A77 RF amplifier is a discrete hybrid design,
which uses thin film manufacturing processes for
accurate performance and high reliability. The single
stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband
frequency range. Both TO-8 and Surface Mount
packages are hermetically sealed, and MIL-STD-883
environmental screening is available.
Ordering Information
Part Number
Package
A77
TO-8
SMA77
Surface Mount
CA77**
SMA Connectorized
Over temperature performance limits for part number CA77, guaranteed from 0oC to +50oC only.
Product Image
Electrical Specifications: Z0 = 50, VCC = 15 VDC Nominal
*
Parameter
Typical
Guaranteed
Units
25ºC
0º to 50ºC
-54º to +85ºC
Frequency
MHz
2-600
5-500
5-500
Small Signal Gain (min.)
dB
16.5
16.0
15.0
Gain Flatness (max.)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
17
Noise Figure (max.)
dB
4.5
5.0
5.5
Power Output @ 1 dB comp. (min.)
dBm
16.5
15.0
14.5
IP3
dBm
+30
IP2
dBm
+43
Second Order Harmonic IP
dBm
+49
VSWR Input / Output (max.)
1.3:1 / 1.3:1
1.7:1 / 1.7:1
2.0:1 / 2.0:1
DC Current (max.)
mA
50
53
56
** The connectorized version is not RoHs compliant.


同様の部品番号 - SMA77

メーカー部品番号データシート部品情報
logo
Tyco Electronics
SMA77 MACOM-SMA77 Datasheet
112Kb / 1P
   5 TO 500 MHz CASCADABLE AMPLIFIER
SMA77 MACOM-SMA77 Datasheet
401Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
SMA77 MA-COM-SMA77 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
Tyco Electronics
SMA77-1 MACOM-SMA77-1 Datasheet
104Kb / 1P
   5 TO 600 MHz CASCADABLE AMPLIFIER
SMA77-1 MACOM-SMA77-1 Datasheet
389Kb / 2P
   Cascadable Amplifier 5 to 600 MHz
More results

同様の説明 - SMA77

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
EA53-2 MA-COM-EA53-2 Datasheet
129Kb / 2P
   Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
   Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
   Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
   Cascadable Amplifier
A74-SMA74 MA-COM-A74-SMA74 Datasheet
1Mb / 2P
   Cascadable Amplifier
A77-1-SMA77-1 MA-COM-A77-1-SMA77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com