データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3445 データシート(PDF) 3 Page - Texas Instruments

部品番号 LM3445
部品情報  TRIAC Dimmable Offline LED Driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3445 データシート(HTML) 3 Page - Texas Instruments

  LM3445_15 Datasheet HTML 1Page - Texas Instruments LM3445_15 Datasheet HTML 2Page - Texas Instruments LM3445_15 Datasheet HTML 3Page - Texas Instruments LM3445_15 Datasheet HTML 4Page - Texas Instruments LM3445_15 Datasheet HTML 5Page - Texas Instruments LM3445_15 Datasheet HTML 6Page - Texas Instruments LM3445_15 Datasheet HTML 7Page - Texas Instruments LM3445_15 Datasheet HTML 8Page - Texas Instruments LM3445_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
1
4
3
2
14
11
12
13
N/C
N/C
ASNS
DIM
GND
FLTR1
COFF
FLTR2
5
10
N/C
BLDR
6
N/C
7
ISNS
9 VCC
8 GATE
1
4
3
2
10
7
8
9
ISNS
FLTR1
GATE
BLDR
COFF
VCC
ASNS
DIM
5
6
FLTR2
GND
LM3445
www.ti.com
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
DGS Package
D Package
10-Pin VSSOP
14-Pin SOIC
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC
VSSOP
PWM output of the TRIAC dim decoder circuit. Outputs a 0 to 4-V PWM signal
ASNS
12
1
O
with a duty cycle proportional to the TRIAC dimmer on-time.
Bleeder pin. Provides the input signal to the angle detect circuitry as well as a
BLDR
10
10
I
current path through a switched 230-
Ω resistor to ensure proper firing of the
TRIAC dimmer.
OFF time setting pin. A user set current and capacitor connected from the
COFF
1
4
I
output to this pin sets the constant OFF time of the switching controller.
Input/output dual function dim pin. This pin can be driven with an external PWM
signal to dim the LEDs. It may also be used as an output signal and connected
DIM
14
3
I/O
to the DIM pin of other LM3445s or other LED drivers to dim multiple LED
circuits simultaneously.
First filter input. The 120-Hz PWM signal from ASNS is filtered to a DC signal
and compared to a 1 to 3 V, 5.85-kHz ramp to generate a higher frequency
FLTR1
13
2
I
PWM signal with a duty cycle proportional to the TRIAC dimmer firing angle.
Pull above 4.9-V (typical) to tri-state DIM.
Second filter input. A capacitor tied to this pin filters the PWM dimming signal
FLTR2
3
5
I
to supply a DC voltage to control the LED current. Could also be used as an
analog dimming input.
Power MOSFET driver pin. This output provides the gate drive for the power
GATE
8
8
O
switching MOSFET of the buck controller.
GND
4
6
Circuit ground connection
LED current sense pin. Connect a resistor from main switching MOSFET
ISNS
7
7
I
source, ISNS to GND to set the maximum LED current.
N/C
2, 5, 6, 11
No Connect
Input voltage pin. This pin provides the power for the internal control circuitry
VCC
9
9
O
and gate driver.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3445


同様の部品番号 - LM3445_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3445 NSC-LM3445_1 Datasheet
2Mb / 18P
   230VAC, 6W- 15W Isolated Flyback LED Driver Solid State Lighting
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results

同様の説明 - LM3445_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
   HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com