データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5007MM データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM5007MM
部品情報  High Voltage 80-V Step Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5007MM データシート(HTML) 9 Page - Texas Instruments

Back Button LM5007MM Datasheet HTML 5Page - Texas Instruments LM5007MM Datasheet HTML 6Page - Texas Instruments LM5007MM Datasheet HTML 7Page - Texas Instruments LM5007MM Datasheet HTML 8Page - Texas Instruments LM5007MM Datasheet HTML 9Page - Texas Instruments LM5007MM Datasheet HTML 10Page - Texas Instruments LM5007MM Datasheet HTML 11Page - Texas Instruments LM5007MM Datasheet HTML 12Page - Texas Instruments LM5007MM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
+
+
+
7V SERIES REGULATOR
SW
LM5007
VIN
BST
VCC
SELF-BIAS
DIODE
0.01PF
0.1PF
10V
10k
30k
+
FB
REF
2.5V
SW
L
R1
R2
R
VIN
LM5007
COUT
VOUT
LM5007
www.ti.com
SNVS252G – SEPTEMBER 2003 – REVISED NOVEMBER 2015
Feature Description (continued)
Figure 4. Low Ripple Output Configuration
Figure 5. Self Biased Configuration
7.3.3 Over-Voltage Comparator
The over-voltage comparator is provided to protect the output from overvoltage conditions due to sudden input
line voltage changes or output loading changes. The over-voltage comparator monitors the FB pin versus an
internal 2.875V reference (OV_REF). If the voltage at FB rises above OV_REF the comparator immediately
terminates the buck switch on time pulse.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5007


同様の部品番号 - LM5007MM

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM5007MM NSC-LM5007MM Datasheet
230Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
LM5007MM NSC-LM5007MM Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
logo
Texas Instruments
LM5007MM TI-LM5007MM Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
LM5007MM/NOPB TI-LM5007MM/NOPB Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
LM5007MMEP TI1-LM5007MMEP Datasheet
318Kb / 14P
[Old version datasheet]   Enhanced Plastic High Voltage (80V) Step Down Switching Regulator
More results

同様の説明 - LM5007MM

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008EP TI1-LM5008EP Datasheet
384Kb / 16P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
LM5007 TI1-LM5007_14 Datasheet
991Kb / 18P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5007 NSC-LM5007 Datasheet
230Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com