データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP267J データシート(PDF) 7 Page - Toshiba Semiconductor

部品番号 TLP267J
部品情報  Photocouplers GaAs Infrared LED and Photo Triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP267J データシート(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP267J Datasheet HTML 3Page - Toshiba Semiconductor TLP267J Datasheet HTML 4Page - Toshiba Semiconductor TLP267J Datasheet HTML 5Page - Toshiba Semiconductor TLP267J Datasheet HTML 6Page - Toshiba Semiconductor TLP267J Datasheet HTML 7Page - Toshiba Semiconductor TLP267J Datasheet HTML 8Page - Toshiba Semiconductor TLP267J Datasheet HTML 9Page - Toshiba Semiconductor TLP267J Datasheet HTML 10Page - Toshiba Semiconductor TLP267J Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TLP267J
7
13.
13.
13.
13. Soldering and Storage
Soldering and Storage
Soldering and Storage
Soldering and Storage
13.1.
13.1.
13.1.
13.1. Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
The soldering temperature should be controlled as closely as possible to the conditions shown below, irrespective
of whether a soldering iron or a reflow soldering method is used.
When using soldering reflow.
The soldering temperature profile is based on the package surface temperature.
(See the figure shown below, which is based on the package surface temperature.)
Reflow soldering must be performed once or twice.
The mounting should be completed with the interval from the first to the last mountings being 2 weeks.
Fig.
Fig.
Fig.
Fig. 13.1.1
13.1.1
13.1.1
13.1.1 An example of a temperature profile when lead(Pb)-free solder is used
An example of a temperature profile when lead(Pb)-free solder is used
An example of a temperature profile when lead(Pb)-free solder is used
An example of a temperature profile when lead(Pb)-free solder is used
When using soldering flow
Apply preheating of 150  (package surface temperature) for 60 to 120 seconds.
Mounting condition of 260  within 10 seconds is recommended.
Flow soldering must be performed once.
When using soldering Iron
Complete soldering within 10 seconds for lead temperature not exceeding 260  or within 3 seconds not
exceeding 350 .
Heating by soldering iron must be done only once per lead.
13.2.
13.2.
13.2.
13.2. Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Avoid storage locations where devices may be exposed to moisture or direct sunlight.
Follow the precautions printed on the packing label of the device for transportation and storage.
Keep the storage location temperature and humidity within a range of 5  to 35  and 45% to 75%,
respectively.
Do not store the products in locations with poisonous gases (especially corrosive gases) or in dusty
conditions.
Store the products in locations with minimal temperature fluctuations. Rapid temperature changes during
storage can cause condensation, resulting in lead oxidation or corrosion, which will deteriorate the
solderability of the leads.
When restoring devices after removal from their packing, use anti-static containers.
Do not allow loads to be applied directly to devices while they are in storage.
If devices have been stored for more than two years under normal storage conditions, it is recommended
that you check the leads for ease of soldering prior to use.
2015-03-13
Rev.5.0


同様の部品番号 - TLP267J

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
   TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP2601 TOSHIBA-TLP2601 Datasheet
229Kb / 9P
   Simplex / Multiplex Data Transmission
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
   Simplex / Multiplex Data Transmission
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
   TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP260J TOSHIBA-TLP260J Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
More results

同様の説明 - TLP267J

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP265J TOSHIBA-TLP265J Datasheet
411Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP268J TOSHIBA-TLP268J Datasheet
403Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP266J TOSHIBA-TLP266J_15 Datasheet
410Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP3073 TOSHIBA-TLP3073 Datasheet
473Kb / 19P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP3083 TOSHIBA-TLP3083 Datasheet
498Kb / 19P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP665L TOSHIBA-TLP665L Datasheet
541Kb / 18P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
   Photocouplers Infrared LED & Photo Transistor
TLP5752H TOSHIBA-TLP5752H Datasheet
1Mb / 18P
   Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP5231 TOSHIBA-TLP5231 Datasheet
1Mb / 30P
   Photocouplers Infrared LED & Photo IC
2020-03-02 Rev.2.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
   Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com