データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP292-4 データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TLP292-4
部品情報  TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP292-4 データシート(HTML) 4 Page - Toshiba Semiconductor

  TLP292-4 Datasheet HTML 1Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP292-4 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TLP292-4
2015-10-21
4
Coupled Electrical Characteristics (Unless otherwise specified, Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Current transfer ratio
IC / IF
IF = ±5 mA, VCE = 5 V
50
600
%
Rank GB
100
600
Saturated current transfer ratio
IC / IF (sat)
IF = ±1 mA, VCE = 0.4 V
60
%
Rank GB
30
Collector-emitter saturation voltage
VCE (sat)
IC = 2.4 mA, IF = ±8 mA
0.3
V
IC = 0.2 mA, IF = ±1 mA
0.2
Rank GB
0.3
Off-state collector current
IC (off)
VF = ±0.7 V, VCE = 48 V
10
μA
Collector current ratio
IC (ratio)
IC (IF =
−5 mA) / IC (IF = 5 mA)
(Figure 1)
0.33
3
Figure 1: Collector current ratio test circuit
)
V
5
CE
V
,
1
F
I
F
I
(
1
C
I
)
V
5
CE
V
,
2
F
I
F
I
(
2
C
I
)
ratio
(
C
I
=
=
=
=
=
Isolation Characteristics (Unless otherwise specified, Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Total capacitance (input to output)
CS
VS = 0 V, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H.
≤60%
1×10
12
10
14
Ω
Isolation voltage
BVS
AC , 60 s
3750
Vrms
AC , 1 s, in OIL
10000
DC , 60 s,
in OIL
10000
Vdc
Switching Characteristics (Unless otherwise specified, Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Rise time
tr
VCC = 10 V, IC = 2 mA
RL = 100
Ω
2
μs
Fall time
tf
3
Turn-on time
ton
3
Turn-off time
toff
3
Turn-on time
ton
RL = 1.9 k
Ω
(Figure 2)
VCC = 5 V, IF = 16 mA
1.5
μs
Storage time
ts
20
Turn-off time
toff
35
Figure 2: Switchin Time Test Circuit
VCE
VCC
RL
IF
IF
VCE
VCC
0.5 V
4.5 V
toff
ton
tS


同様の部品番号 - TLP292-4

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
More results

同様の説明 - TLP292-4

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP293-4 TOSHIBA-TLP293-4 Datasheet
720Kb / 12P
   TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
   TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com