データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP361J データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TLP361J
部品情報  TOSHIBA Photocoupler GaAs Ired and Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP361J データシート(HTML) 1 Page - Toshiba Semiconductor

  TLP361J_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP361J_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP361J_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP361J_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP361J_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP361J_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP361J
2014-09-01
1
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP361J
Triac Drivers
Programmable Controllers
AC-Output Modules, Solid State Relays
TOSHIBA TLP361J consists of a zero-voltage-crossing turn-on photo-
triac optically coupled to a gallium arsenide infrared-emitting diode in a
four-lead plastic DIP package.
• Peak off-state voltage: 600 V (min)
• Trigger LED current: 10 mA (max)
• On-state current: 100 mA (max)
• Isolation voltage: 5000 Vrms (min)
• Zero crossing Function
• UL recognized: UL1577, file No. E67349
• Option (D4) type
TÜV approved: DIN EN60747-5-2
Certificate No. R50033433
Maximum operating insulation voltage : 890 Vpk
Maximum permissible overvoltage
: 8000 Vpk
(Note) When an EN60747-5-2 approved type is needed, please designate “Option (D4).”
•Construction mechanical rating
7.62 mm pitch
TLPXXX type
10.16 mm pitch
TLPXXXF type
Creepage distance
Clearance
Insulation thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
•Trigger LED current
*Example: “(IFT7)”; “TLP361J(IFT7)”
(Note) When specifying the application type name for
certification testing, be sure to use the standard
product type name, e.g. TLP361J(IFT7): TLP361J
JEDEC
TOSHIBA
11-5B2
Weight: 0.26 g (typ.)
Classification*
Trigger LED current (mA)
Marking of
classification
VT=3V, Ta=25°C
Min
Max
(IFT7)
7
T7
Standard
10
T7、blank
Unit: mm
Pin Configuration (top view)
1: Anode
2: Cathode
3: Terminal1
4: Terminal2
1
2
3
4
ZC
Start of commercial production
2003/06


同様の部品番号 - TLP361J_14

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP361J TOSHIBA-TLP361J_07 Datasheet
181Kb / 7P
   GaAs Ired & Photo-Triac
More results

同様の説明 - TLP361J_14

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP161J TOSHIBA-TLP161J_14 Datasheet
423Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo-Triac
TLP163J TOSHIBA-TLP163J Datasheet
211Kb / 5P
   TOSHIBA Photocoupler GaAs IRED and Photo-Triac
TLP160G TOSHIBA-TLP160G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP360J TOSHIBA-TLP360J_14 Datasheet
186Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com