データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP3073 データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TLP3073
部品情報  Photocouplers GaAs Infrared LED and Photo Triac
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3073 データシート(HTML) 5 Page - Toshiba Semiconductor

  TLP3073 Datasheet HTML 1Page - Toshiba Semiconductor TLP3073 Datasheet HTML 2Page - Toshiba Semiconductor TLP3073 Datasheet HTML 3Page - Toshiba Semiconductor TLP3073 Datasheet HTML 4Page - Toshiba Semiconductor TLP3073 Datasheet HTML 5Page - Toshiba Semiconductor TLP3073 Datasheet HTML 6Page - Toshiba Semiconductor TLP3073 Datasheet HTML 7Page - Toshiba Semiconductor TLP3073 Datasheet HTML 8Page - Toshiba Semiconductor TLP3073 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLP3073,TLP3073F
5
9.
9.
9.
9. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
Peak off-state current
Peak on-state voltage
Holding current
Critical rate of rise of off-state
voltage
Critical rate of rise of
commutating voltage (dv/dt)
Symbol
VF
IR
Ct
IDRM
VTM
IH
dv/dt
dv/dt(c)
Note
Test Condition
IF = 10 mA
VR = 5 V
V = 0 V, f = 1 MHz
VDRM = 800 V
ITM = 100 mA
Vin = 240 V, Ta = 25 
See Fig. 9.1
Vin = 60 Vrms, IT = 15 mA
See Fig. 9.1
Min
1.0
Typ.
1.15
30
10
1.7
1.0
2000
0.2
Max
1.3
10
1000
3.0
Unit
V
µA
pF
nA
V
mA
V/µs
Fig.
Fig.
Fig.
Fig. 9.1
9.1
9.1
9.1 dv/dt Test Circuit
dv/dt Test Circuit
dv/dt Test Circuit
dv/dt Test Circuit
10.
10.
10.
10. Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Trigger LED current
Symbol
IFT
Note
Test Condition
VT = 6 V
Min
Typ.
Max
5
Unit
mA
11.
11.
11.
11. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to
output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1 × 1012
5000
Typ.
0.8
1014
10000
10000
Max
Unit
pF
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2 and 3 are shorted together, and pins 4 and 6 are
shorted together.
2016-02-03
Rev.4.0
©2016 Toshiba Corporation


同様の部品番号 - TLP3073

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP3020 TOSHIBA-TLP3020 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3020 TOSHIBA-TLP3020 Datasheet
313Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3021 TOSHIBA-TLP3021 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3021 TOSHIBA-TLP3021 Datasheet
347Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021 TOSHIBA-TLP3021 Datasheet
313Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results

同様の説明 - TLP3073

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP265J TOSHIBA-TLP265J Datasheet
411Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP268J TOSHIBA-TLP268J Datasheet
403Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP266J TOSHIBA-TLP266J_15 Datasheet
410Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP267J TOSHIBA-TLP267J Datasheet
371Kb / 13P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP3083 TOSHIBA-TLP3083 Datasheet
498Kb / 19P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP665L TOSHIBA-TLP665L Datasheet
541Kb / 18P
   Photocouplers GaAs Infrared LED and Photo Triac
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
   Photocouplers Infrared LED & Photo Transistor
TLP5752H TOSHIBA-TLP5752H Datasheet
1Mb / 18P
   Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
TLP5231 TOSHIBA-TLP5231 Datasheet
1Mb / 30P
   Photocouplers Infrared LED & Photo IC
2020-03-02 Rev.2.0
TLP5212 TOSHIBA-TLP5212 Datasheet
1Mb / 25P
   Photocouplers Infrared LED & Photo IC
2022-03-02 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com