データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KDH3CNA1BBB データシート(PDF) 1 Page - Cherry Semiconductor Corporation

部品番号 KDH3CNA1BBB
部品情報  Sealed Rocker Switch Double Pole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHERRY [Cherry Semiconductor Corporation]
ホームページ  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

KDH3CNA1BBB データシート(HTML) 1 Page - Cherry Semiconductor Corporation

  KDH3CNA1BBB Datasheet HTML 1Page - Cherry Semiconductor Corporation KDH3CNA1BBB Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2016-01-08, Specifications subject to change without notice.
Sealed Rocker Switch
Double Pole
KD Series
Features
Snap-in mounting
RoHS compliant
100,000 cycles mechanical life
IP65
Lighted and non-lighted versions available
Standard Parts
1
North America
North America and Europe
Europe
KDH3ALA2GBB
KDH3ANA1BBB
KDH3AEA2GBB
KDH3ALA2RBB
KDH3BNA1BBB
KDH3AEA2RBB
KDH3CNA1BBB
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or
your distributor.
Part Number Breakdown
KDH3ALA2BBB
KD H 3 A N A
Series
Contact Rating
2
Circuitry
Switch Function
Lighting Options
Terminal Type
KD
H
3
Double pole
A
ON-OFF
N
Non-lighted
A
4.75 mm (0.187”)
quick connect
B
ON-ON
E
220 VAC neon
C
ON-OFF-ON
L
110 VAC neon
C
28 VDC LED
M
12 VDC LED
2See Electrical Specifications section
2 B B B
Actuator Type
Actuator Color
3
Actuator Marking
1
Non-lighted
A
Amber
B
Black
B
Blank
2
Lighted
B
Black
D
O
––
G
Green
G
=
L
Blue
R
Red
3Black actuator is only available for non-lighted; others only for lighted.


同様の部品番号 - KDH3CNA1BBB

メーカー部品番号データシート部品情報
logo
ZF Friedrichshafen AG
KDH3CNA1BBB ZFSWITCHES-KDH3CNA1BBB Datasheet
272Kb / 2P
   Sealed Rocker Switch
More results

同様の説明 - KDH3CNA1BBB

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
KMD2AMB7BBBNR1 CHERRY-KMD2AMB7BBBNR1 Datasheet
278Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KGC2ANB1BBD CHERRY-KGC2ANB1BBD Datasheet
275Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KSF2ANB1BBD CHERRY-KSF2ANB1BBD Datasheet
312Kb / 2P
   Sealed Rocker Switch Single (and Double)1 Pole
logo
ZF Friedrichshafen AG
LRA22H2FBBNN ZFSWITCHES-LRA22H2FBBNN Datasheet
653Kb / 2P
   Double-Pole Rocker Switch
logo
Cherry Semiconductor Co...
KCA2ANA1BBB CHERRY-KCA2ANA1BBB Datasheet
310Kb / 2P
   Sealed Rocker Switch Single Pole
KTG2ANB1BBDNNN CHERRY-KTG2ANB1BBDNNN Datasheet
298Kb / 2P
   Sealed Rocker Switch Single Pole
RRA22H3BBBNN CHERRY-RRA22H3BBBNN Datasheet
330Kb / 2P
   Rocker Switch Single and Double Pole
KRE2ANA1BBD CHERRY-KRE2ANA1BBD Datasheet
252Kb / 2P
   Sealed Rocker Switch
logo
ZF Friedrichshafen AG
KDH3ALA2RBB ZFSWITCHES-KDH3ALA2RBB Datasheet
272Kb / 2P
   Sealed Rocker Switch
KCA2ALA2RBB ZFSWITCHES-KCA2ALA2RBB Datasheet
271Kb / 2P
   Sealed Rocker Switch
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com