データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KFB3AEA2GBB データシート(PDF) 2 Page - Cherry Semiconductor Corporation

部品番号 KFB3AEA2GBB
部品情報  Sealed Pushbutton Single and Double Pole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHERRY [Cherry Semiconductor Corporation]
ホームページ  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

KFB3AEA2GBB データシート(HTML) 2 Page - Cherry Semiconductor Corporation

  KFB3AEA2GBB Datasheet HTML 1Page - Cherry Semiconductor Corporation KFB3AEA2GBB Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2015-07-22, Specifications subject to change without notice.
Electrical Specifications
Dielectric Strength
1500 VAC for 1 minute
Insulation Resistance
100 MΩ min at 500 VDC
Initial Contact Resistance
0.050 Ω max
Electrical Ratings
Lighting Option
UL1054
VDC
3
N
10 A 125 VAC 1/2 HP / 6 A 250 VAC 1/2 HP
20 A 14 VDC / 10 A 28 VDC
E, L
10 A 125 VAC 1/2 HP / 6 A 250 VAC 1/2 HP
N/A
C
N/A
10 A 28 VDC
M
N/A
20 A 14 VDC
Electrical Life at Rated Load
UL
Minimum Operations
6,000
3DC ratings not agency approved
UL File No: E23301
Material and Environmental Specifications
Actuator
Polycarbonate 94V-2
Housing
Nylon 66 94V-2
Spring
Steel
Contacts
Silver Alloy
Movable Arm
Silver-Plated Copper Alloy
Terminals
Silver-Plated Copper Alloy
Rubber Boot
Silicone
Operating Temperature Range
-25
OC to +85 OC (-13 OF to +185 OF)
Ingress Protection
IP65
Circuitry and Switch Functions – (ON)-OFF has same connections as ON-OFF; spring return on switch
Dimensions mm (inches)


同様の部品番号 - KFB3AEA2GBB

メーカー部品番号データシート部品情報
logo
ZF Friedrichshafen AG
KFB3AEA2GBB ZFSWITCHES-KFB3AEA2GBB Datasheet
252Kb / 2P
   Sealed Pushbutton
More results

同様の説明 - KFB3AEA2GBB

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
KGC2ANB1BBD CHERRY-KGC2ANB1BBD Datasheet
275Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KMD2AMB7BBBNR1 CHERRY-KMD2AMB7BBBNR1 Datasheet
278Kb / 2P
   Sealed Rocker Switch Single and Double Pole
KSF2ANB1BBD CHERRY-KSF2ANB1BBD Datasheet
312Kb / 2P
   Sealed Rocker Switch Single (and Double)1 Pole
logo
Tyco Electronics
2-1437573-2 MACOM-2-1437573-2 Datasheet
375Kb / 4P
   SEALED PUSHBUTTON SWITCH SINGLE POLE TSP SERIES
2-1437573-6 MACOM-2-1437573-6 Datasheet
375Kb / 4P
   SEALED PUSHBUTTON SWITCH SINGLE POLE TSP SERIES
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
   SINGLE POLE AND DOUBLE POLE
logo
ZF Friedrichshafen AG
D413-R1AA-G2 ZFSWITCHES-D413-R1AA-G2 Datasheet
306Kb / 2P
   Single and Double Pole
E75 ZFSWITCHES-E75 Datasheet
365Kb / 3P
   PANEL MOUNT PUSHBUTTON - DOUBLE POLE
logo
Cherry Semiconductor Co...
0E7800A0 CHERRY-0E7800A0 Datasheet
256Kb / 3P
   PANEL MOUNT PUSHBUTTON ??DOUBLE POLE
logo
C&K Components
PB-22D01-L CK-COMPONENTS-PB-22D01-L Datasheet
319Kb / 8P
   Single Pole and Multi-Key Pushbutton Switches
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com