データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR14020-Q1 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR14020-Q1
部品情報  SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14020-Q1 データシート(HTML) 8 Page - Texas Instruments

Back Button LMR14020-Q1 Datasheet HTML 4Page - Texas Instruments LMR14020-Q1 Datasheet HTML 5Page - Texas Instruments LMR14020-Q1 Datasheet HTML 6Page - Texas Instruments LMR14020-Q1 Datasheet HTML 7Page - Texas Instruments LMR14020-Q1 Datasheet HTML 8Page - Texas Instruments LMR14020-Q1 Datasheet HTML 9Page - Texas Instruments LMR14020-Q1 Datasheet HTML 10Page - Texas Instruments LMR14020-Q1 Datasheet HTML 11Page - Texas Instruments LMR14020-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
VIN (V)
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
45
IQ
ISHDN
D006
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
3.4
3.45
3.5
3.55
3.6
3.65
3.7
3.75
UVLO_H
UVLO_L
D007
VIN (V)
3.5
3.75
4
4.25
2.4
2.7
3
3.3
3.6
D013
IOUT = 2 A
IOUT = 1 A
IOUT = 0.2 A
VIN (V)
3.5
3.75
4
4.25
2.4
2.7
3
3.3
3.6
D014
IOUT = 2 A
IOUT = 1 A
IOUT = 0.2 A
VIN (V)
4
4.5
5
5.5
6
6.5
2
2.5
3
3.5
4
4.5
5
5.5
6
D011
IOUT = 2 A
IOUT = 1 A
IOUT = 0.2 A
VIN (V)
4
4.5
5
5.5
6
6.5
2
2.5
3
3.5
4
4.5
5
5.5
6
D012
IOUT = 2 A
IOUT = 1 A
IOUT = 0.2 A
LMR14020-Q1
SNVSAG4 – NOVEMBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified the following conditions apply: VIN = 12 V, fSW = 1 MHz, L = 5.5 µH, COUT = 47 µF, TA = 25°C.
VOUT = 5 V
fSW = 1 MHz
VOUT = 5V
fSW = 2.2 MHz
Figure 7. Dropout Curve
Figure 8. Dropout Curve
VOUT = 3.3 V
fSW = 1 MHz
VOUT = 3.3 V
fSW = 2.2 MHz
Figure 9. Dropout Curve
Figure 10. Dropout Curve
IOUT = 0 A
Figure 11. Shut-down Current and Quiescent Current
Figure 12. UVLO Threshold
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMR14020-Q1


同様の部品番号 - LMR14020-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14020-Q1 TI1-LMR14020-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
More results

同様の説明 - LMR14020-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14020-Q1 TI1-LMR14020-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14020-Q1 SIMPLE SWITCHER짰 40 V, 2 A Step-Down Converter with 40 關A IQ
LMR14020 TI-LMR14020_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14020 TI1-LMR14020 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14020 SIMPLE SWITCHER짰 40 V 2 A, 2.2 MHz Step-Down Converter with 40A IQ
LMR14050-Q1 TI-LMR14050-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14030-Q1 TI1-LMR14030-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14030-Q1 SIMPLE SWITCHER짰 40 V, 3.5 A Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   LMR14050-Q1 SIMPLE SWITCHER짰 40 V, 5 A Step-Down Converter with 40 關A IQ
LMR14050 TI-LMR14050_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMR14050 SIMPLE SWITCHER짰 40 V 5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14030 TI1-LMR14030 Datasheet
1Mb / 30P
[Old version datasheet]   LMR14030 SIMPLE SWITCHER짰 40 V 3.5 A, 2.2 MHz Step-Down Converter with 40 關A IQ
LMR14050-Q1 TI1-LMR14050-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 5 A Step-Down Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com