データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA66-1 データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 CA66-1
部品情報  Cascadable Amplifier 10 to 1000 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA66-1 データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  CA66-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA66-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CA66-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. CA66-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. CA66-1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Cascadable Amplifier
10 to 1000 MHz
Rev. V4
A66-1 / SMA66-1 / CA66-1
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings3,4
Parameter
Absolute Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
17 V
Continuous Input Power
6 dBm
Short Term Input power (1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In Temperature (case)
+125ºC
Thermal Data: VCC = 15 VDC
Parameter
Rating
Thermal Resistance θJC
145ºC/W
Transistor Power Dissipation PD
0.419 W
Junction Temperature Rise Above Case TJC
61ºC
3. Exceeding any one or combination of these limits may cause permanent damage to this device.
4. MACOM does not recommend sustained operation near these survivability limits.


同様の部品番号 - CA66-1

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CA66-1 MACOM-CA66-1 Datasheet
383Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
More results

同様の説明 - CA66-1

メーカー部品番号データシート部品情報
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A12 MACOM-A12_1 Datasheet
371Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A17 MACOM-A17_1 Datasheet
360Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66 MA-COM-RA66 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
RA69 MA-COM-RA69 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com