データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02044CG-31EVM データシート(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02044CG-31EVM
部品情報  3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02044CG-31EVM データシート(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M02044CG-31EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02044CG-31EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02044CG-31EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02044CG-31EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02044CG-31EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02044CG-31EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02044CG-31EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02044CG-31EVM Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02044CG-31EVM Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
02044-DSH-002-A
Mindspeed Technologies™
5
Mindspeed Proprietary and Confidential
2.0 Pin Definitions
Table 2-1.
Pin Descriptions
QSOP Pin#
Name
Function
1STSET
Loss of signal threshold setting input. Connect a 1% resistor between this pin and VCC3 (pin 2) to set loss of signal
threshold.
2VCC3
Power supply input for 3.3V applications or the output of the internally regulated 3.3V voltage when VCC = 5V.
Connect directly to supply for 3.3V applications (internal regulator not in use). Do not connect to power supply if
VCC = 5V.
3
GND
Ground.
4
DINP
Non-inverting data input. Internally terminated with 50
Ω to V
TT (see Figure 3-2).
5
DINN
Inverting data input. Internally terminated with 50
Ω to V
TT (see Figure 3-2).
6
NC
No Connect. Leave Floating.
7VCC3
Power supply input for 3.3V applications or the output of the internally regulated 3.3V voltage when VCC = 5V.
Connect directly to supply for 3.3V applications (internal regulator not in use). Do not connect to power supply if
VCC = 5V.
8
JAM
Output disable. When high, data outputs are disabled (with non-inverting output held high and inverting output
held low). Connect to LOS output to disable outputs with loss of signal. Outputs are enabled when JAM is low or
floating. Internal 150 k
Ω resistor to ground.
9
LOS
Loss of signal output. Goes high when input signal falls below threshold set by STSET. This output is an open
collector TTL with internal 80 k
Ω pull-up resistor to V
CC. Leave floating if not used.
10
ST
Signal detect output. Goes high when input signal amplitude is above threshold set by STSET. In M02044, this
output is an open collector TTL with internal 80 k
Ω pull-up resistor to V
CC. Leave floating if not used.
11
GND
Ground.
12
PECLN
Inverting data output (PECL).
13
PECLP
Non-inverting data output (PECL).
14
VCC
Power supply. Connect to either +5V or +3.3V.
15
NC
No Connect. Leave Floating.
16
IREF
Internal reference current for the LOS threshold. Must be connected to ground through a 12.1 k
Ω 1% resistor.


同様の部品番号 - M02044CG-31EVM

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02040-15EVM MA-COM-M02040-15EVM Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02046-15EVM MA-COM-M02046-15EVM Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02046-25 MA-COM-M02046-25 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
More results

同様の説明 - M02044CG-31EVM

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02097-11 MA-COM-M02097-11 Datasheet
671Kb / 21P
   3.3/5V LED Driver / Limiting Amplifier for Operation to 500 Mbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
logo
M/A-COM Technology Solu...
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com