データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02066-82 データシート(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02066-82
部品情報  3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02066-82 データシート(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M02066-82 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02066-82 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02066-82 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02066-82 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02066-82 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02066-82 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02066-82 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02066-82 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02066-82 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Pin Description
02066-DSH-001-D
Mindspeed Technologies
®
5
Preliminary Information / Mindspeed Proprietary and Confidential
22
DIN
Negative data input (PECL). Self biased
23
CLK
Positive clock input (PECL). Self biased. Connect to Vcc if not used
24
CLK
Negative clock input (PECL). Self biased. Can be disconnected if not used
NOTE:
The center pad must be connected to ground through an array of vias for good electrical and thermal performance.
Table 2-2.
Pin Descriptions (TQFP 32)
Pin No.
Name
Function
1, 4, 7, 16,
18, 21, 25,
32
VCC
Power supply
2
DIN
Positive data input (PECL). Self biased
3
DIN
Negative data input (PECL). Self biased
5CLK
Positive clock input (PECL). Self biased. Connect to Vcc if not used
6CLK
Negative clock input (PECL). Self biased. Can be disconnected if not used
8CEN
Clock enable input (TTL/CMOS). Set HIGH or not connected to use CLK inputs, LOW when not using CLK
inputs
9
ENA
Bias and modulation output enable (TTL/CMOS). HIGH for normal operation
10
GND
Ground
11
BIASMON
Bias monitor and temperature- dependent bias current limit. Connect a resistor between this pin and VCC to
monitor
12
MODMON
Modulation current monitor. Connect a resistor between this pin and VCC to monitor
13
FAIL
Mean power control failure indicator (TTL/CMOS). Goes LOW when control loop is no longer able to maintain
constant current at IPIN
14
OCA
Over-current alarm (TTL/CMOS). Goes LOW when IBIAS exceeds the preset bias current limit
15
GND
Ground
17
BIAS
Laser bias current output
19
OUT+
Positive modulation current output. Sinks current when DIN is HIGH
20
OUT-
Negative modulation current output. Sinks current when DIN is HIGH
22
GNDA
Ground for output stage (inductor to ground)
23
GNDA
Ground for output stage (inductor to ground)
24
PD
Monitor photo diode input. This input is connected to the monitor photodiode anode for automatic power
control.
26
CMPC
Mean power control dominant pole capacitor
Table 2-1.
Pin Descriptions (BCC+24) (Continued)
Pin No.
Name
Function


同様の部品番号 - M02066-82

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02066-82 MA-COM-M02066-82 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results

同様の説明 - M02066-82

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com