データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02139-23 データシート(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02139-23
部品情報  1G/10G Gbps TIA with AGC and Rate Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02139-23 データシート(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02139-23 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02139-23 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
02139-DSH-001-D
Mindspeed Technologies
®
3
Mindspeed Proprietary and Confidential
1.0 Product Specification
1.1
Description of Key Specifications
1.1.1
Input Referred Noise
In the design of a Transimpedance Amplifier, the primary goal is to minimize the input referred noise of the
amplifier. This achieves the best S/N ratio for optimum bit error rate performance of the incoming optical data
stream. The noise performance of a TIA is a key specification for meeting the stringent optical sensitivity
requirement. In general, the input referred noise calculations for a TIA are identical to those in other conventional
amplifiers. The input referred noise can be determined from several methods. Traditionally at Mindspeed, TIA noise
is obtained from dividing the output RMS voltage noise of the TIA by the transimpedance. The small signal
transimpedance of the TIA can be calculated by applying a known p-p input current and then measuring the p-p
differential output voltage. The equations used for IN (Input Referred Noise) and GTIA (Transimpedance) are shown
below. The TIA output RMS noise can be measured conveniently by using a wide band oscilloscope (or by using a
power meter and converting the noise power to noise voltage).
IN = (VoutRMS / GTIA)
GTIA = (VoutPP/ I_inputPP), where:
IN = Input referred noise in RMS
GTIA = TIA small signal transimpedance
I_inputPP= p-p input current
1.1.2
Optical Input Sensitivity
TIA input sensitivity can be calculated from the optical sensitivity equation directly based on the input referred
noise, photodiode responsivity and transmitter extinction ratio information. Note that the Signal to Noise (S/N) must
exceed 14.1 to achieve a system bit error rate (BER) of 1x10
-12.
Sensitivity = 10log {((S/N x IN x (ER + 1)) / (2 x ρ x (ER – 1))) x 1000} dBm
Where:
Sensitivity = Input sensitivity expressed in average power
S/N = 14.1(for 10
-12 BER)
IN = Input Referred Noise in RMS
ER = Extinction Ratio = 10 (typically)
ρ = Photodiode Responsivity = 0.9 (typically)


同様の部品番号 - M02139-23

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M02139 ETC2-M02139 Datasheet
365Kb / 18P
   10GBASE-SR, IR and LR Links
More results

同様の説明 - M02139-23

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
   4 Gbps CMOS TIA with AGC
logo
Texas Instruments
ONET4291TA TI-ONET4291TA Datasheet
960Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET4291TA TI1-ONET4291TA_12 Datasheet
963Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
logo
Sanyo Semicon Device
LA7205M SANYO-LA7205M Datasheet
14Kb / 1P
   AGC AMP, INPUT SELECT, AGC DET, COMPARATOR
logo
Texas Instruments
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
logo
M/A-COM Technology Solu...
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com