データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M02066G-51 データシート(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

部品番号 M02066G-51
部品情報  3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02066G-51 データシート(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M02066G-51 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02066G-51 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
02066-DSH-001-D
Mindspeed Technologies
®
7
Preliminary Information / Mindspeed Proprietary and Confidential
3.0 Functional Description
3.1
Overview
The M02066 laser driver consists of a high-speed modulation driver and a laser bias generator with mean power
control (MPC). It is optimized for high speed, low power operation at 3.3V supply. To minimize the pattern-
dependent jitter of the input signal, the device accepts an input clock signal for data retiming. This feature can be
enabled using the external CEN pin.
Figure 3-1.
CX02068 Block Diagram
X100
X60
Failure
Detect
DIS
ENA
60
60
FAIL
X1
OCA
BIASMON
MODMON
IBIAS
IMOD
OUT-
OUT+
VCC
IBIAS
RMPCSET
VCC
CMPC
VREF
PD
OCA SET
RD
GNDA
RSHUNT
CSHUNT
CEN
CLK
D
Q
DATA
MPCSET
NOTE: BCC+24 Package
PD and MPC
SET are com m on on P in 13
BIAS
MON and M O D MON are com m on on P in 4


同様の部品番号 - M02066G-51

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
M02066G-51 MA-COM-M02066G-51 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results

同様の説明 - M02066G-51

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
CX02066 MA-COM-CX02066 Datasheet
105Kb / 2P
   3.3 Volt Highly Integrated, Programmable Laser Driver IC for SONET/SDH Applications
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com