データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD7210F データシート(PDF) 11 Page - Toshiba Semiconductor

部品番号 TPD7210F
部品情報  Power MOSFET Gate Driver for 3-Phase DC Motor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7210F データシート(HTML) 11 Page - Toshiba Semiconductor

Back Button TPD7210F Datasheet HTML 7Page - Toshiba Semiconductor TPD7210F Datasheet HTML 8Page - Toshiba Semiconductor TPD7210F Datasheet HTML 9Page - Toshiba Semiconductor TPD7210F Datasheet HTML 10Page - Toshiba Semiconductor TPD7210F Datasheet HTML 11Page - Toshiba Semiconductor TPD7210F Datasheet HTML 12Page - Toshiba Semiconductor TPD7210F Datasheet HTML 13Page - Toshiba Semiconductor TPD7210F Datasheet HTML 14Page - Toshiba Semiconductor TPD7210F Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TPD7210F
2008-05-12
11
Power supply voltage VDD (V)
VIH, VIL- VDD
Junction temperature Tj (°C)
IDD(1) - Tj
10
8
6
4
2
0
-80
-40
0
40
80
120
160
VDD=13.5V
Oscillation circuit
stops
Junction temperature Tj (°C)
IDD(2) - Tj
-80
-40
0
40
80
120
160
0
2
4
6
8
10
VDD=13.5V
fOSC=100kHz
CP1,2=0.1
μF
VIN1 to VIN6=0V
Power supply voltage VDD (V)
IDD(2) - VDD
Power supply voltage VDD (V)
IDD(1) - VDD
10
8
6
4
2
0
0
4
8
12
16
20
Tj=25°C
Oscillation
circuit stops
10
8
6
4
2
0
0
4
8
12
16
20
Tj=25°C
fOSC=100kHz
CP1,2=0.1
μF
VIN1 to VIN6=0V
Tj=25°C
5
4
3
2
1
0
0
4
8
12
16
20
Junction temperature Tj (°C)
-80
-40
0
40
80
120
160
5
4
3
2
1
0
VDD=13.5V
VIH
VIL
VIH
VIL
VIH, VIL- Tj


同様の部品番号 - TPD7210F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD7211F TOSHIBA-TPD7211F Datasheet
253Kb / 13P
   Power MOSFET Gate Driver for half-bridge
TPD7211F TOSHIBA-TPD7211F_13 Datasheet
254Kb / 13P
   Power MOSFET Gate Driver for half-bridge
TPD7212F TOSHIBA-TPD7212F Datasheet
919Kb / 21P
   Power MOSFET Gate Driver for 3-Phase DC Motor
2018-07-04
TPD7212FN TOSHIBA-TPD7212FN Datasheet
884Kb / 24P
   Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
2020- 07-03
More results

同様の説明 - TPD7210F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD7201F TOSHIBA-TPD7201F Datasheet
738Kb / 19P
   POWER MOSFET GATE DRIVER FOR 3-PHASE DC MOTOR
TPD7203F TOSHIBA-TPD7203F_07 Datasheet
862Kb / 19P
   Power MOSFET Gate Driver for 3-Phase DC Motor
TPD7203F TOSHIBA-TPD7203F Datasheet
723Kb / 19P
   POWER MOSFET GATE DRIVER FOR 3 PHASE DC MOTOR
TPD7212F TOSHIBA-TPD7212F Datasheet
919Kb / 21P
   Power MOSFET Gate Driver for 3-Phase DC Motor
2018-07-04
logo
Princeton Technology Co...
PT5671 PTC-PT5671 Datasheet
236Kb / 4P
   3-Phase MOSFET Gate Driver
logo
STMicroelectronics
L6235PD013TR STMICROELECTRONICS-L6235PD013TR Datasheet
690Kb / 35P
   DMOS driver for 3-phase brushless DC motor
March 2014 Rev 2
L9908 STMICROELECTRONICS-L9908 Datasheet
11Mb / 153P
   Automotive 3-Phase motor gate driver unit
March 2022 Rev 3
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
   3-phase Brushless DC Motor Driver
March, 2014
logo
Allegro MicroSystems
A4938 ALLEGRO-A4938_16 Datasheet
247Kb / 10P
   3-Phase Brushless DC Motor Pre-Driver
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com