データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD25404Q3T データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD25404Q3T
部品情報  20 V P-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25404Q3T データシート(HTML) 5 Page - Texas Instruments

  CSD25404Q3T Datasheet HTML 1Page - Texas Instruments CSD25404Q3T Datasheet HTML 2Page - Texas Instruments CSD25404Q3T Datasheet HTML 3Page - Texas Instruments CSD25404Q3T Datasheet HTML 4Page - Texas Instruments CSD25404Q3T Datasheet HTML 5Page - Texas Instruments CSD25404Q3T Datasheet HTML 6Page - Texas Instruments CSD25404Q3T Datasheet HTML 7Page - Texas Instruments CSD25404Q3T Datasheet HTML 8Page - Texas Instruments CSD25404Q3T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
D006
-VGS - Gate-To-Source Voltage (V)
0
2
4
6
8
10
12
0
3
6
9
12
15
18
21
24
D007
TC = 25°C, I D = -10 A
TC = 125°C, I D = -10 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
D004
-VDS - Drain-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
10
100
1000
10000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
-VDS - Drain-to-Source Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20
40
60
80
100
120
140
D002
VGS = -1.8 V
VGS = -2.5 V
VGS = -4.5 V
-VGS - Gate-To-Source Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
15
30
45
60
75
90
105
120
D003
TC = 125°C
TC = 25°C
TC = -55°C
CSD25404Q3
www.ti.com
SLPS570 – NOVEMBER 2015
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
VDS = –5 V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
ID = –10 A
VDS = –10 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = –250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD25404Q3


同様の部品番号 - CSD25404Q3T

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD25401Q3 TI1-CSD25401Q3 Datasheet
392Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFETs
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 14P
[Old version datasheet]   CSD25402Q3A ??0 V P-Channel NexFET??Power MOSFET
CSD25402Q3AT TI1-CSD25402Q3AT Datasheet
1Mb / 14P
[Old version datasheet]   CSD25402Q3A ??0 V P-Channel NexFET??Power MOSFET
More results

同様の説明 - CSD25404Q3T

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25202W15 TI-CSD25202W15_15 Datasheet
957Kb / 15P
[Old version datasheet]   CSD25202W15 20-V P-Channel NexFET Power MOSFET
CSD25304W1015 TI-CSD25304W1015_15 Datasheet
1Mb / 17P
[Old version datasheet]   CSD25304W1015 20-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2 Datasheet
760Kb / 11P
[Old version datasheet]   CSD25310Q2, 20 V P-Channel NexFET Power MOSFETs
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com