データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2651 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM2651
部品情報  1.5 A High-Efficiency Synchronous Switching Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2651 データシート(HTML) 9 Page - Texas Instruments

Back Button LM2651_16 Datasheet HTML 5Page - Texas Instruments LM2651_16 Datasheet HTML 6Page - Texas Instruments LM2651_16 Datasheet HTML 7Page - Texas Instruments LM2651_16 Datasheet HTML 8Page - Texas Instruments LM2651_16 Datasheet HTML 9Page - Texas Instruments LM2651_16 Datasheet HTML 10Page - Texas Instruments LM2651_16 Datasheet HTML 11Page - Texas Instruments LM2651_16 Datasheet HTML 12Page - Texas Instruments LM2651_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM2651
www.ti.com
SNVS032E – FEBRUARY 2000 – REVISED JANUARY 2016
Typical Characteristics (continued)
Figure 7. Current Limit vs Input Voltage
Figure 8. Current Limit vs Junction Temperature
(VOUT = 2.5 V)
(VOUT = 2.5 V)
Figure 9. Current Limit vs Junction Temperature
Figure 10. Current Limit vs Input Voltage
(VOUT = 3.3 V)
(VOUT = 3.3 V)
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2651


同様の部品番号 - LM2651_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
More results

同様の説明 - LM2651_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
ON Semiconductor
FAN53763 ONSEMI-FAN53763 Datasheet
288Kb / 12P
   1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
   1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com