データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3402HVMR データシート(PDF) 2 Page - Texas Instruments

部品番号 LM3402HVMR
部品情報  0.5A Constant Current Buck Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402HVMR データシート(HTML) 2 Page - Texas Instruments

  LM3402HVMR Datasheet HTML 1Page - Texas Instruments LM3402HVMR Datasheet HTML 2Page - Texas Instruments LM3402HVMR Datasheet HTML 3Page - Texas Instruments LM3402HVMR Datasheet HTML 4Page - Texas Instruments LM3402HVMR Datasheet HTML 5Page - Texas Instruments LM3402HVMR Datasheet HTML 6Page - Texas Instruments LM3402HVMR Datasheet HTML 7Page - Texas Instruments LM3402HVMR Datasheet HTML 8Page - Texas Instruments LM3402HVMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
LM3402, LM3402HV
SNVS450F – SEPTEMBER 2006 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 13
1
Features .................................................................. 1
8
Application and Implementation ........................ 15
2
Applications ........................................................... 1
8.1
Application Information............................................ 15
3
Description ............................................................. 1
8.2
Typical Application .................................................. 23
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 29
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 29
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 29
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 30
6.2
ESD Ratings.............................................................. 4
11
Device and Documentation Support ................. 31
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 31
6.4
Thermal Information .................................................. 5
11.2
Related Links ........................................................ 31
6.5
Electrical Characteristics........................................... 5
11.3
Community Resources.......................................... 31
6.6
Timing Requirements ................................................ 6
11.4
Trademarks ........................................................... 31
6.7
Typical Characteristics .............................................. 7
11.5
Electrostatic Discharge Caution ............................ 31
7
Detailed Description ............................................ 10
11.6
Glossary ................................................................ 31
7.1
Overview ................................................................. 10
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 10
Information ........................................................... 31
7.3
Feature Description................................................. 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (April 2013) to Revision F
Page
Added ESD Ratings and Timing Requirements tables, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section ..................................... 1
Changes from Revision D (May 2013) to Revision E
Page
Changed layout of National Data Sheet to TI format ............................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV


同様の部品番号 - LM3402HVMR

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3402HVMR NSC-LM3402HVMR Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI1-LM3402HVMR Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402HVMRX NSC-LM3402HVMRX Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMRX TI1-LM3402HVMRX Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

同様の説明 - LM3402HVMR

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3405 TI1-LM3405_13 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Current Buck Regulator
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Shenzhen Huazhimei Semi...
HM9805 HMSEMI-HM9805 Datasheet
492Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8005 XLSEMI-XL8005 Datasheet
142Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8005 ETC2-XL8005 Datasheet
203Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9803 HMSEMI-HM9803 Datasheet
598Kb / 7P
   80V 0.5A Switching Current Buck PFM LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com