データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3492HCQMH データシート(PDF) 5 Page - Texas Instruments

部品番号 LM3492HCQMH
部品情報  Two-Channel, Individual Dimmable LED Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492HCQMH データシート(HTML) 5 Page - Texas Instruments

  LM3492HCQMH Datasheet HTML 1Page - Texas Instruments LM3492HCQMH Datasheet HTML 2Page - Texas Instruments LM3492HCQMH Datasheet HTML 3Page - Texas Instruments LM3492HCQMH Datasheet HTML 4Page - Texas Instruments LM3492HCQMH Datasheet HTML 5Page - Texas Instruments LM3492HCQMH Datasheet HTML 6Page - Texas Instruments LM3492HCQMH Datasheet HTML 7Page - Texas Instruments LM3492HCQMH Datasheet HTML 8Page - Texas Instruments LM3492HCQMH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM3492HC-Q1, LM3492HC
www.ti.com
SNVS797B – MARCH 2012 – REVISED OCTOBER 2015
7.4 Thermal Information
LM3492HC
PWP
THERMAL METRIC(1)
UNIT
(HTSSOP)
20 PINS
RθJA
Junction-to-ambient thermal resistance
36.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
21.8
°C/W
RθJB
Junction-to-board thermal resistance
18.3
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
18.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
START-UP REGULATOR (VCC PIN)
CVCC = 0.47 µF, no load
4.7
5.5
6.3
V
VVCC
Output voltage
IVCC = 2 mA
4.7
5.5
6.3
V
VCC pin undervoltage lockout
VCC_UVLO
VVCC increasing, TA = TJ = 25°C
3.56
3.78
4
V
threshold (UVLO)
VCC_UVLO-HYS
VCC pin UVLO hysteresis
VVCC decreasing, TA = TJ = 25°C
310
mV
IIN
IIN operating current
No switching, VFB = 0 V
3.6
5.2
mA
IIN operating current, device
IIN-SD
VEN = 0 V
30
95
µA
shutdown
IVCC
VCC pin current limit (1)
VVCC = 0 V
18
30
mA
VCC pin output voltage when
VIN = Open, IVCC = 1 mA,
VCC-VOUT
3.5
4.1
4.7
V
supplied by VOUT
VOUT = 18 V
ENABLE INPUT
VEN
EN pin input threshold
VEN rising
1.55
1.63
1.71
V
VEN-HYS
EN pin threshold hysteresis
VEN falling
194
mV
IEN-SHUT
Enable pullup current at shutdown
VEN = 0 V
2
µA
Enable pullup current during
IEN-OPER
VEN = 2 V
40
µA
operation
CURRENT REGULATOR
VIREF
IREF pin voltage
4.5 V
≤ VIN ≤ 65 V
1.231
1.256
1.281
V
VDHC50
IOUT = 50 mA, RIREF = 25 kΩ
0.160
0.225
0.290
VDHC100
IOUT = 100 mA, RIREF = 12.5 kΩ
0.38
0.48
0.58
VIOUT under DHC
V
VDHC200
IOUT = 200 mA, RIREF = 6.25 kΩ
0.81
0.99
1.17
VDHC250
IOUT = 250 mA, RIREF = 5 kΩ
0.81
1.21
1.44
(1)
The VCC pin provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3492HC-Q1 LM3492HC


同様の部品番号 - LM3492HCQMH

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3492HCQMH TI1-LM3492HCQMH Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HCQMHX TI1-LM3492HCQMHX Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
More results

同様の説明 - LM3492HCQMH

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
   DIMMABLE LED DRIVER
September 2019
logo
Supertex, Inc
HV9801A SUTEX-HV9801A Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
HV9801A SUTEX-HV9801A_12 Datasheet
990Kb / 9P
   Switch Dimmable LED Driver
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com