データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3402MMX データシート(PDF) 6 Page - Texas Instruments

部品番号 LM3402MMX
部品情報  0.5A Constant Current Buck Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402MMX データシート(HTML) 6 Page - Texas Instruments

Back Button LM3402MMX Datasheet HTML 2Page - Texas Instruments LM3402MMX Datasheet HTML 3Page - Texas Instruments LM3402MMX Datasheet HTML 4Page - Texas Instruments LM3402MMX Datasheet HTML 5Page - Texas Instruments LM3402MMX Datasheet HTML 6Page - Texas Instruments LM3402MMX Datasheet HTML 7Page - Texas Instruments LM3402MMX Datasheet HTML 8Page - Texas Instruments LM3402MMX Datasheet HTML 9Page - Texas Instruments LM3402MMX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
LM3402, LM3402HV
SNVS450F – SEPTEMBER 2006 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
VIN = 24 V unless otherwise indicated. Typical values apply over –40°C ≤ TJ ≤ 125°C; minimum and maximum values apply
over the full operating temperature range
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
N-MOSFET AND DRIVER
ISW = 200 mA, BOOT-SW = 6.3
RDS-ON
Buck Switch ON Resistance
0.7
1.5
Ω
V
BOOT Undervoltage Lockout
VDR-UVLO
BOOT–SW Increasing
1.7
3
4
V
Threshold
BOOT Undervoltage Lockout
VDR-HYS
BOOT–SW Decreasing
400
mV
Hysteresis
THERMAL SHUTDOWN
TSD
Thermal Shutdown Threshold
165
°C
TSD-HYS
Thermal Shutdown Hysteresis
25
°C
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
tON-1
ON-time 1, VIN = 10 V, RON = 200 kΩ
2.1
2.75
3.4
µs
ON-time 2, VIN = 40 V, RON = 200 kΩ
LM3402
490
650
810
tON-2
ns
ON-time 2, VIN = 70 V, RON = 200 kΩ
LM3402HV
290
380
470
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV


同様の部品番号 - LM3402MMX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3402MMX NSC-LM3402MMX Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402MMX NSC-LM3402MMX Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402MMX TI1-LM3402MMX Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402MMX TI-LM3402MMX Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

同様の説明 - LM3402MMX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3405 TI1-LM3405_13 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Current Buck Regulator
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Shenzhen Huazhimei Semi...
HM9805 HMSEMI-HM9805 Datasheet
492Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8005 XLSEMI-XL8005 Datasheet
142Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8005 ETC2-XL8005 Datasheet
203Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9803 HMSEMI-HM9803 Datasheet
598Kb / 7P
   80V 0.5A Switching Current Buck PFM LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com