データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD17313Q2 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD17313Q2
部品情報  N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17313Q2 データシート(HTML) 8 Page - Texas Instruments

Back Button CSD17313Q2 Datasheet HTML 4Page - Texas Instruments CSD17313Q2 Datasheet HTML 5Page - Texas Instruments CSD17313Q2 Datasheet HTML 6Page - Texas Instruments CSD17313Q2 Datasheet HTML 7Page - Texas Instruments CSD17313Q2 Datasheet HTML 8Page - Texas Instruments CSD17313Q2 Datasheet HTML 9Page - Texas Instruments CSD17313Q2 Datasheet HTML 10Page - Texas Instruments CSD17313Q2 Datasheet HTML 11Page - Texas Instruments CSD17313Q2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
M0175-02
D
1
1
3
3
4
4
6
6
b
Top View
Bottom View
Front View
Pin 1 Dot
Pin 1 ID
e
D1
K3
K1
D2
K2
2
5
2
5
7
Pinout
Source
4, 7
Gate
3
Drain
1, 2, 5, 6, 8
8
CSD17313Q2
SLPS260E – MARCH 2010 – REVISED SEPTEMBER 2015
www.ti.com
7 Mechanical, Packaging, and Orderable Information
7.1 Q2 Package Dimensions
MILLIMETERS
INCHES
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.700
0.750
0.800
0.028
0.030
0.032
A1
0.000
0.050
0.000
0.002
b
0.250
0.300
0.350
0.010
0.012
0.014
C
0.203 TYP
0.008 TYP
D
2.000 TYP
0.080 TYP
D1
0.900
0.950
1.000
0.036
0.038
0.040
D2
0.300 TYP
0.012 TYP
E
2.000 TYP
0.080 TYP
E1
0.900
1.000
1.100
0.036
0.040
0.044
E2
0.280 TYP
0.0112 TYP
E3
0.470 TYP
0.0188 TYP
e
0.650 BSC
0.026 TYP
K
0.280 TYP
0.0112 TYP
K1
0.350 TYP
0.014 TYP
K2
0.200 TYP
0.008 TYP
K3
0.200 TYP
0.008 TYP
K4
0.470 TYP
0.0188 TYP
L
0.200
0.25
0.300
0.008
0.010
0.012
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated


同様の部品番号 - CSD17313Q2

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD17313Q2 TI-CSD17313Q2 Datasheet
327Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI-CSD17313Q2 Datasheet
323Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1T TI1-CSD17313Q2Q1T Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results

同様の説明 - CSD17313Q2

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com