データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCU981B データシート(PDF) 8 Page - Tontek Design Technology

部品番号 TCU981B
部品情報  TCU981B 8 Bits TV game system
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TONTEK [Tontek Design Technology]
ホームページ  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TCU981B データシート(HTML) 8 Page - Tontek Design Technology

  TCU981B Datasheet HTML 1Page - Tontek Design Technology TCU981B Datasheet HTML 2Page - Tontek Design Technology TCU981B Datasheet HTML 3Page - Tontek Design Technology TCU981B Datasheet HTML 4Page - Tontek Design Technology TCU981B Datasheet HTML 5Page - Tontek Design Technology TCU981B Datasheet HTML 6Page - Tontek Design Technology TCU981B Datasheet HTML 7Page - Tontek Design Technology TCU981B Datasheet HTML 8Page - Tontek Design Technology TCU981B Datasheet HTML 9Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Reference Only
Version : 1.2
Date:2010/08/05
TCU981B
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VDD
VDD
VSS
U1
A10
A11
A12
A13
A14
A8
A9
AD10
AD11
AD12
AD8
AD9
CK18
CUP47
D146
D247
D347
D447
PRA10
Q0
Q1
Q2
RC
VA0
VA1
VA2
VA3
VA4
VA5
VA6
VA7
VOE
VRW
ZD1
5.6V
C
E
B
NPN
Q1
AC ADAPTOR
AC
110V/60Hz
9
8
7
6
5
4
3
2
1
9
8
7
6
5
4
3
2
1
C8
100UF
C7
100UF
C6
100UF
C2
30PF
C1
30PF
C4
0.1UF
C3
100UF
RTV
120
RI4
2K
RI2
2K
RI1
2K
RI3
2K
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
AD12
AD11
AD10
AD9
AD8
VSS
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
RWB
IRQB
VSS
VOE
PRA10
VA6
VA5
VA4
VA3
VA2
VA1
VA0
VDD
CK18
A12
A13
A14
D7
D6
D5
D4
D3
D2
D1
D0
ROMS
VRW
VA7
RC
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
19
18
17
16
15
14
13
12
20
11
10
9
8
7
6
5
4
3
2
1
VDD
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
AD12
AD11
AD10
AD9
AD8
VSS
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
RWB
IRQB
VSS
VOE
PRA10
VA6
VA5
VA4
VA3
VA2
VA1
VA0
VDD
CK18
A12
A13
A14
D7
D6
D5
D4
D3
D2
D1
D0
ROMS
VRW
VA7
RC
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
19
18
17
16
15
14
13
12
20
11
10
9
8
7
6
5
4
3
2
1
VDD
RC_IN
ROMS_IN
CK18
CK18
RWB
RWB
IRQB
IRQB
VOE
PRA10
D7_D0
AD0_AD7
VA0_VA12
AD4
AD4
AD5
AD3
AD5
AD3
AD6
AD2
AD6
AD2
AD7
AD1
AD7
AD1
AD0
RC
AD0
ROMS
AD12
VA0
AD12
VA0
AD11
VA1
AD11
VA1
AD10
VA2
AD10
VA2
AD9
VA3
AD9
VA3
AD8
VA4
AD8
VA4
VA7
VA5
VA7
VA5
A14
VA6
VA6
VOE
A8
RC_IN
PRA10
PRA10
A13
VRW
VOE
VA6
A9
VA7
A12
D347
ROMS_IN
IRQB
VA5
A10
ROMS
RWB
AD8
CK18
D047
D0
A0
D0
A0
VA4
A11
D1
A1
D1
A1
AD9
Q0
D2
A2
D2
A2
VA3
D3
A3
D3
A3
CUP47
D4
A4
D4
A4
AD10
D5
A5
D5
A5
VA2
D447
D6
A6
D6
A6
AD11
D7
A7
D7
A7
VA1
A14
A8
A14
A8
AD12
A13
A9
A13
A9
VA0
A12
A10
A12
A10
RC
CK18
A11
CK18
A11
D046
Q0
A14_A0
ROMS
ROMS
CUP46
CUP46
VRW
VRW
RC
D047
D046
AD0_AD7
VIDEO
AUDIO
-
+
+
-
-
+
(VDD)
9V
9013
SWITCH
ON/OFF
26.601712
21.492337
21.453669
CRYSTAL (MHZ)
OPEN
OPEN
SHORT
OPEN
SHORT
SHORT
OPEN
21.477270
PAL N
PAL M
PAL B
NTSC
SHORT
T V. STSTEM
JP2(F50R6)
JP1(PORN)
(RTV more small, then brightness more lightness)
1** : RTV resister adjust TV screen brightness, can be not used
2** : C4 capacitor use 0.1uF (TCU981 : C4=1uF)
TV AUDIO port
TCU981B APPLICATION (1) (BUILT-IN)
............
............
<100 ohm
..........
..........
TV VIDEO port
BULIT-IN SLOT
CONNECT TO
JOYSTICK 1
or LIGHTGUN
JOYSTICK 2
CONNECT TO


同様の部品番号 - TCU981B

メーカー部品番号データシート部品情報
logo
Tontek Design Technolog...
TCU983 TONTEK-TCU983 Datasheet
233Kb / 16P
   8 Bits TV game system
More results

同様の説明 - TCU981B

メーカー部品番号データシート部品情報
logo
Tontek Design Technolog...
TCU983 TONTEK-TCU983 Datasheet
233Kb / 16P
   8 Bits TV game system
logo
Mitsubishi Electric Sem...
M51354AP MITSUBISHI-M51354AP Datasheet
792Kb / 11P
   TV IF SYSTEM
logo
Samsung semiconductor
KA2102A SAMSUNG-KA2102A Datasheet
148Kb / 4P
   TV SOUND SYSTEM
logo
Megawin Technology Co.,...
MG87FX52 MEGAWIN-MG87FX52 Datasheet
850Kb / 44P
   8 bits microcontroller
MG87FX2051A MEGAWIN-MG87FX2051A Datasheet
868Kb / 56P
   8-bits microcontroll
logo
Renesas Technology Corp
M51348FP RENESAS-M51348FP Datasheet
3Mb / 10P
   POCKET TV IF SYSTEM
logo
Holtek Semiconductor In...
HT113SA HOLTEK-HT113SA Datasheet
666Kb / 16P
   Casino Game 5-in-1 LCD Game
logo
List of Unclassifed Man...
TDA1170S ETC-TDA1170S Datasheet
674Kb / 12P
   TV VERTICAL DEFLECTION SYSTEM
logo
Mitsubishi Electric Sem...
M51348FP MITSUBISHI-M51348FP Datasheet
544Kb / 9P
   Pocket Tv IF System
logo
STMicroelectronics
TDA440S STMICROELECTRONICS-TDA440S Datasheet
266Kb / 7P
   TV VIDEO IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com